Electronic Components Datasheet Search
  English  ▼

X  

AD9937 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9937 Datasheet HTML 16Page - Analog Devices AD9937 Datasheet HTML 17Page - Analog Devices AD9937 Datasheet HTML 18Page - Analog Devices AD9937 Datasheet HTML 19Page - Analog Devices AD9937 Datasheet HTML 20Page - Analog Devices AD9937 Datasheet HTML 21Page - Analog Devices AD9937 Datasheet HTML 22Page - Analog Devices AD9937 Datasheet HTML 23Page - Analog Devices AD9937 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
REV. 0
–20–
AD9937
SYSTEM OVERVIEW
Figure 8 shows the typical system block diagram for the AD9937.
The CCD output is processed by the AD9937’s AFE circuitry,
which consists of a CDS, VGA, black level clamp, and A/D
converter. The digitized pixel information is sent to the digital
image processor chip, which performs the postprocessing and
compression. To operate the CCD, all CCD timing parameters
are programmed into the AD9937 from the system micropro-
cessor, through the 3-wire serial interface. From the system
master clock, VCKM provided by the image processor or exter-
nal crystal, the AD9937 generates all of the CCD’s horizontal
and vertical clocks and all internal AFE clocks.
CCD
BUFFER
VOUT
AD9937
ADCOUT
REGISTER
DATA
DIGITAL IMAGE
PROCESSING
ASIC
TIMING
GENERATOR
V-DRIVE
CCDIN
SERIAL
INTERFACE
DIGITAL
OUTPUTS
CCD
TIMING
0.1 F
CIN
Figure 8. Typical System Block Diagram, Master Mode
The H-drivers for H1(A–D) and H2(A,B), and RS are included
in the AD9937, allowing these clocks to be directly connected
to the CCD. H-drive voltage of up to 3.6 V is supported. An
external V-driver is required for the vertical transfer clocks and
sensor gate pulses.
Figure 9 shows the horizontal and vertical counter dimensions
for the AD9937. All internal horizontal and vertical clocking is
programmed using these dimensions to specify line and pixel
locations.
12-BIT HORIZONTALCOUNTER = 4096 PIXELS MAX
MAXIMUM FIELD DIMENSIONS
Figure 9. Horizontal and Vertical Counters
VD
HD
MAX VD LENGTH IS 2048 LINES
MAX HD LENGTH IS 4095 PIXELS
VCKM
Figure 10. Maximum VD/HD Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com