Electronic Components Datasheet Search
  English  ▼

X  

AD9937 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9937 Datasheet HTML 30Page - Analog Devices AD9937 Datasheet HTML 31Page - Analog Devices AD9937 Datasheet HTML 32Page - Analog Devices AD9937 Datasheet HTML 33Page - Analog Devices AD9937 Datasheet HTML 34Page - Analog Devices AD9937 Datasheet HTML 35Page - Analog Devices AD9937 Datasheet HTML 36Page - Analog Devices AD9937 Datasheet HTML 37Page - Analog Devices AD9937 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
REV. 0
–34–
AD9937
12-BIT
HD COUNTER
8-BIT
LM COUNTER
HBLKTOG1
SPHSTARTx
HBLKTOG2
HBLKTOG3
LMSTART1
HBLKTOG3
8-BIT
LM COUNTER
SPHSTARTx
11
0
1
01
SPECIAL
H1A
SPH1A1
H1A
2
345
6
PROGRAMMING NOTES
1. THERE ARE TWO SPHSTART REGISTERS. THEY ARE SPHSTART0 AND SPHSTART1.
SPHSTART0 IS USED WHEN THE LM0 PULSE IS SELECTED BY SETTING LMPATSEL = 0.
SPHSTART1 IS USED WHEN THE LM1 PULSE IS SELECTED BY SETTING LMPATSEL = 1.
2.THIS REGION REPRESENTS NORMAL H1A OUTPUTS.
3.THIS REGION REPRESENTS SPECIAL H1A PATTERN BEING OUTPUT DURING THE LM REP 1.
THE SPH1A1 REGISTER IS USED TO SET THE SPECIAL H1A PATTERN IN THIS REGION.
4.THIS REGION REPRESENTS SPECIAL H1A PATTERN BEING OUTPUT DURING THE LM REP 2.
THE SPH1A2 REGISTER IS USED TO SET THE SPECIAL H1A PATTERN IN THIS REGION.
5.THIS REGION REPRESENTS SPECIAL H1A PATTERN BEING OUTPUT DURING THE LM REP 3.
THE SPH1A3 REGISTER IS USED TO SET THE SPECIAL H1A PATTERN IN THIS REGION.
6.THIS REGION REPRESENTS NORMAL H1A OUTPUTS.
PROGRAMMING NOTES
1.THIS EXAMPLE SHOWS H1A OUTPUT FOR REGION 3 ABOVE.
IN THIS EXAMPLE: SPH1A1 = 110101.
2.THE SPECIAL H PATTERN STARTING POLARITY CAN BE INDEPENDENTLY SET FOR EACH H OUTPUT
USING THE POL REGISTERS LISTED IN TABLE XVI. NOTE: THE SPECIAL H STARTING POLARITY WILL
OCCUR AT THE START OF SPHSTARTx. (ABOVE: H1APOL = 0)
PIXEL
CLOCK
LMSTART0
Figure 28. Example of Programming the Special H-Output Patterns
HBLKTOG2
H1TOG12POL
132
133
134
135
868
1560
1559
0
12
3
H1
H2
823
824
825
H1MASKPOL
4
H1TOG34POL
131
HBLKTOG3
HBLKTOG4
HBLKTOG1
HMASK
HBLK
HBLK
HBLK
Figure 29. Example of Horizontal HMASK Masking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com