| Electronic Components Datasheet Search |
|
AD9937 Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9937 Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 44 page ![]() REV. 0 –28– AD9937 001 002 003 004 000 11-BIT VD COUNTER 12-BIT HD COUNTER VD HD PBLK N N – 1 Figure 21. Example with PBLKSTOP = PBLKSTART = 2048 Controlling CLPOB Clamp Pulse Timing Up to two individual CLPOB pulses can be programmed per line using the CLPOBTOGx (x = 1, 2, 3, 4) registers in Table XII. As shown in Figure 19, these registers reference the 12-bit HD counter. Additional CLPOBENn (n = 0, 1, 2, 3, 4) registers are provided that allow for independently enabling and disabling the CLPOB pulse in each region of the CCD. Figure 23 shows an example of disabling the CLPOB pulse while operating in CCD region 1. CLPOB HD PROGRAMMABLE CLOCK POSITIONS 1. CLPOBTOG1 (PROGRAMMABLE AT MODE_REG(5)) 2. CLPOBTOG2 (PROGRAMMABLE AT MODE_REG(5)) 3. CLPOBTOG3 (PROGRAMMABLE AT MODE_REG(6)) 4. CLPOBTOG4 (PROGRAMMABLE AT MODE_REG(6)) 34 12 12-BIT HD COUNTER Figure 22. CLPOB Toggle Positions Table XII. CLPOB Registers Length Register Register Name (Bits) Type Range Description CLPOBTOG1 12 Mode_Reg(5) 0–4095 Pixel Location First Toggle Position for CLPOB CLPOBTOG2 12 Mode_Reg(5) 0–4095 Pixel Location First Toggle Position for CLPOB CLPOBTOG3 12 Mode_Reg(6) 0–4095 Pixel Location First Toggle Position for CLPOB CLPOBTOG4 12 Mode_Reg(6) 0–4095 Pixel Location First Toggle Position for CLPOB CLPOBEN0 1 Mode_Reg(15) Enabled/Disabled CCD Region 0 CLPOB Enable Disable Control CLPOBEN1 1 Mode_Reg(16) Enabled/Disabled CCD Region 1 CLPOB Enable Disable Control CLPOBEN2 1 Mode_Reg(17) Enabled/Disabled CCD Region 2 CLPOB Enable Disable Control CLPOBEN3 1 Mode_Reg(18) Enabled/Disabled CCD Region 3 CLPOB Enable Disable Control CLPOBEN4 1 Mode_Reg(19) Enabled/Disabled CCD Region 4 CLPOB Enable Disable Control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |