Electronic Components Datasheet Search
  English  ▼

X  

AD9937 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 3 Page - Analog Devices

  AD9937 Datasheet HTML 1Page - Analog Devices AD9937 Datasheet HTML 2Page - Analog Devices AD9937 Datasheet HTML 3Page - Analog Devices AD9937 Datasheet HTML 4Page - Analog Devices AD9937 Datasheet HTML 5Page - Analog Devices AD9937 Datasheet HTML 6Page - Analog Devices AD9937 Datasheet HTML 7Page - Analog Devices AD9937 Datasheet HTML 8Page - Analog Devices AD9937 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
REV. 0
–3–
AD9937–SPECIFICATIONS
(RSVDD = HVDD = 2.7 V to 3.6 V, –25 C to +85 C, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–65
+150
°C
POWER SUPPLY VOLTAGE
AVDD (AFE Analog Supply)
2.7
3.0
3.6
V
TCVDD (Timing Core Analog Supply)
2.7
3.0
3.6
V
RSVDD (RS Driver)
2.7
3.0
3.6
V
HVDD1 (H1A, H2A, and H1C Drivers)
2.7
3.0
3.6
V
HVDD2 (H1B, H2B, and H1D Drivers)
2.7
3.0
3.6
V
DRVDD (Data Output Drivers)
2.7
3.0
3.6
V
DVDD (Digital)
2.7
3.0
3.6
V
POWER CONSUMPTION @ 10 MHz
Power from (AVDD + TCVDD + DRVDD + DVDD)
100
mW
Power from (HVDD1 + HVDD2)
1
25
mW
Power from (RSVDD)
2
3mW
Standby Mode (AFE_STBY and DIG_STBY = 0)
1.5
mW
VCKM MAX CLOCK RATE
12
MHz
NOTES
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS (VCKM, SLD, SDA, and SCK)
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
40
µA
Low Level Input Current
IIL
40
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS (Except H1(A–D), H2(A, B), and RS)
High Level Output Voltage @ IOH = 2 mA
VOH
DRVDD – 0.5
V
Low Level Output Voltage @ IOL = 2 mA
VOL
0.5
V
H-DRIVER OUTPUTS (H1(A–D), H2(A, B))
High Level Output Voltage @ Max Current
VOH
DVDD – 0.5
V
Low Level Output Voltage @ Max Current
VOL
0.5
V
H1(A–D) Maximum Output Current (Programmable)
12.25
mA
H2(A, B) Maximum Output Current (Programmable)
12.25
mA
Maximum Load Current
100
pF
RS-DRIVER OUTPUTS
High Level Output Voltage @ Max Current
VOH
RSVDD – 0.5
V
Low Level Output Voltage @ Max Current
VOL
0.5
V
RS Maximum Output Current (Programmable)
12.25
mA
Maximum Load Current
100
pF
Specifications subject to change without notice.
H1A
H2A
H1B
H2B
H1C
H1D
30
30
30
30
30
30
10pF
10pF
10pF
10pF
10pF 10pF
10pF
10pF
30pF
50pF
30pF
50pF
30pF
30pF
1H1 (A–D) and H2 (A, B) Loads
RS
30
10pF
2RS Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com