Electronic Components Datasheet Search
  English  ▼

X  

AD9937 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9937 Datasheet HTML 15Page - Analog Devices AD9937 Datasheet HTML 16Page - Analog Devices AD9937 Datasheet HTML 17Page - Analog Devices AD9937 Datasheet HTML 18Page - Analog Devices AD9937 Datasheet HTML 19Page - Analog Devices AD9937 Datasheet HTML 20Page - Analog Devices AD9937 Datasheet HTML 21Page - Analog Devices AD9937 Datasheet HTML 22Page - Analog Devices AD9937 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
REV. 0
AD9937
–19–
SDA
SCK
SLD
8 BIT
ADDRESS
START LOCATION
ADDRESS
DATA 0 [31:0]
DATA N [31:0]
12-BIT END
ADDRESS[11:0]
12-BIT START
ADDRESS [11:0]
8-BIT REG
ADDRESS [7:0]
32-BIT DATA 0 [31:0]
32-BIT DATA N [31:0]
1
1
12
END LOCATION
ADDRESS
1. ALL SLD PULSES ARE IGNORED UNTIL THE LAST BIT OF THE LAST DATA N WORD IS CLOCKED IN.
2.THE SLD PULSE MUST BE ASSERTED HIGH WHEN ALL SDA DATA TRANSMISSIONS HAVE BEEN COMPLETED.
Figure 6. System and Mode Register Writes
Internal Power-On Reset Circuitry
After power-on, the AD9937 automatically resets all internal
registers and performs internal calibration procedures. This
takes approximately 1 ms to complete. During this time, normal
clock signals and serial write operations may occur. However,
serial register writes are ignored until the internal reset opera-
tion is completed.
VD Synchronous and Asynchronous Register Operation
There are two types of control registers, VD synchronous and
VD asynchronous, as indicated in the Address column of Table I.
Register writes to synchronous and asynchronous type registers
operate differently as described in the following sections. All
writes to system, Mode_A, and Mode_B registers occur
asynchronously.
Asynchronous Register Operation
For asynchronous register writes, SDA data is stored directly
into the serial register at the rising edge of SLK. As a result,
register operation begins immediately after the register LSB has
been latched in on the rising edge of SCK.
VD Synchronous Register Operation
For VD synchronous type registers, SDA data is temporarily
stored in a buffer register upon completion of clocking in the
last register LSB. This data is held in the temporary buffer
register until the next rising edge of VD is applied. Once the
next rising edge of VD occurs, the buffered register data is
loaded into the serial register, and register operation begins.
See Figure 7.
Control registers at addresses 0x08, 0x09, 0x10, 0x11, and 0x12
are VD synchronous type registers.
VD
HD
VCKM
OPERATION OF VD SYNCHRONOUS TYPE
REGISTER WRITES BEGIN AT THE NEXT VD
RISING EDGE.
PROGRAMMING VD SYNCHRONOUS
TYPE REGISTERS MUST BE COMPLETED
AT LEAST FOUR VCKM CYCLES BEFORE
THE RISING EDGE OF VD.
Figure 7. VD Synchronous Type Register Writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com