Electronic Components Datasheet Search
  English  ▼

X  

AD9937 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9937 Datasheet HTML 5Page - Analog Devices AD9937 Datasheet HTML 6Page - Analog Devices AD9937 Datasheet HTML 7Page - Analog Devices AD9937 Datasheet HTML 8Page - Analog Devices AD9937 Datasheet HTML 9Page - Analog Devices AD9937 Datasheet HTML 10Page - Analog Devices AD9937 Datasheet HTML 11Page - Analog Devices AD9937 Datasheet HTML 12Page - Analog Devices AD9937 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
REV. 0
AD9937
–9–
Table I. Control Register Map
Bit
Bit
Register
Addr
Breakdown Width
Default
Name
Function
0
(23:0)
24
0
SW_RESET
Software Reset = 000000 (Reset All Registers to Default).
10
10
OUTCONT_REG
Internal OUTCONT Signal Control (0 = Digital Outputs held
at fixed dc level, 1 = Normal Operation).
(23:1)
23
Unused
2(1:0)
2
0
AFE_STBY
AFE Standby (0 = Full Standby, 1 = Normal Operation,
2/3 = Reference Standby).
21
0DIG_STBY
Digital Standby (0 = Full Standby, 1 = Normal Operation).
(23:3)
21
Unused
3(7:0)
8
0x80
REFBLACK
Black Clamp Level.
81
1
BC_EN
1 = Black Clamp Enable.
91
0
TESTMODE
This register should always be set to 0.
10
1
0
TESTMODE
This register should always be set to 0.
11
1
0
PBLK_LEVEL
0 = Blank to 0, 1 = Blank to Clamp Level (REFBLACK).
12
1
0
TRISTATEOUT
0 = Data Outputs are Driven, 1 = Data Outputs are Three-Stated.
13
10
RETIMEOUT_BAR 0 = Retime Data Outputs, 1 = Do Not Retime Data Outputs.
14
1
0
GRAY_ENCODE
1 = Gray Encode ADC Outputs.
(16:15)
2
0
TESTMODE
This register should always be set to 0.
17
1
0
TESTMODE
This register should always be set to 0.
18
1
1
TESTMODE
This register should always be set to 1.
(23:19)
5
Unused
40
10
VCKM_DIVIDE
VCKM Input Clock Divider (0 = VCKM, 1 = VCKM/2).
11
0
H1BLKRETIME
Retimes the H1 HBLK to Internal Clock.
21
0
LM_INVERT
LM Inversion Control (1 = Invert Programmed LM).
31
0
TGOFD_INVERT
TG and OFD Inversion Control (1 = Invert Programmed TG
and ODF).
41
0
VDHD_INVERT
VD and HD Inversion Control (1 = Invert Programmed VD
and HD; Note that Internal VD/HD Are HI Active).
51
0
MASTER
Operating Mode (0 = Slave Mode, 1 = Master Mode).
(23:6)
18
Unused
5(5:0)
6
0x00
SHDLOC
SHD Sample Location.
(11:6)
6
0x24
SHPLOC
SHP Sample Location.
(17:12)
6
0x00
DOUTPHASE
Data Output [9:0] and VCLK Phase Adjustment.
(19:18)
2
0x00
DOUT_DELAY
Data Output Clock Selection (0 = No Delay, 1 = ~4 ns, 2 = ~8 ns,
3 = ~12 ns).
20
1
0
VCLKMASK
VCLK Masking Control (1 = Mask).
21
1
1
VCLK_INVERT
1 = Invert VCLK.
22
1
0
DTEST
1 = Internal Digital Signal Test Mode.
23
1
–
Unused
6(5:0)
6
0x00
H1POSLOC
H1 Positive Edge Location.
(11:6)
6
0x20
H1NEGLOC
H1 Negative Edge Location.
(17:12)
6
0x00
RSPOSLOC
RS Positive Edge Location.
(23:18)
6
0x10
RSNEGLOC
RS Negative Edge Location.
7(2:0)
3
4
H1DRV
H1A/B/C/D Drive Strength (0 = OFF, 1 = 1.75 mA, 2 = 3.5 mA,
3 = 5.25 mA, 4 = 7 mA, 5 = 8.75 mA, 6 = 10.5 mA, 7 = 12.25 mA).
(5:3)
3
4
H2DRV
H2A/B Drive Strength (see H1DRV).
(8:6)
3
4
RSDRV
RS Drive Strength (see H1DRV).
(23:9)
15
Unused
(23:1)
23
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com