Electronic Components Datasheet Search
  English  ▼

X  

PCD5008 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 41Page - NXP Semiconductors PCD5008 Datasheet HTML 42Page - NXP Semiconductors PCD5008 Datasheet HTML 43Page - NXP Semiconductors PCD5008 Datasheet HTML 44Page - NXP Semiconductors PCD5008 Datasheet HTML 45Page - NXP Semiconductors PCD5008 Datasheet HTML 46Page - NXP Semiconductors PCD5008 Datasheet HTML 47Page - NXP Semiconductors PCD5008 Datasheet HTML 48Page - NXP Semiconductors PCD5008 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
1998 Jun 17
45
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
Y: year field (Table 50). This represents the year with
modulo 32 arithmetic. 00000 to 11111 binary representing
years 1994 to 2025 and 2026 to 2057.
S: seconds field (Table 51). This represents a coarse
value of the seconds field. These bits represent the
seconds in 1
⁄8 minute (7.5 s) increments.
000 to 111 binary correspond to 0 to 52.5 seconds.
M: minute field (Table 51). 000000 to 111011 binary
correspond to 0 to 59 minutes.
H: hour field (Table 51). 00000 to 10111 binary
correspond to 0 to 23 hours.
S: accurate seconds (Table 52). This field provides a more
accurate seconds reference and can be used to adjust the
seconds to within 1 second. This field represents the time
that should be added to the coarse seconds in 1
⁄64 minute
increments.
L: daylight savings time (Table 52). When this bit is set,
the time being transmitted is local standard time. When it
is clear, the time being transmitted is daylight savings time.
z: time zone (Table 52). These bits indicate the time zone
for the time which is being transmitted. The offset
from GMT is the offset for local standard time. Table 53
describes the values for z.
Table 53 Time zone values
z4
z3
z2
z1
z0
TIME ZONE
000
0
0
GMT
0
0
0
0
1
GMT + 01:00h
0
0
0
1
0
GMT + 02:00h
0
0
0
1
1
GMT + 03:00h
0
0
1
0
0
GMT + 04:00h
0
0
1
0
1
GMT + 05:00h
0
0
1
1
0
GMT + 06:00h
0
0
1
1
1
GMT + 07:00h
0
1
0
0
0
GMT + 08:00h
0
1
0
0
1
GMT + 09:00h
0
1
0
1
0
GMT + 10:00h
0
1
0
1
1
GMT + 11:00h
0
1
1
0
0
GMT + 12:00h
0
1
1
0
1
GMT + 03:30h
0
1
1
1
0
GMT + 04:30h
0
1
1
1
1
GMT + 05:30h
1
0
0
0
0
reserved
1
0
0
0
1
GMT + 05:45h
1
0
0
1
0
GMT + 06:30h
1
0
0
1
1
GMT + 09:30h
101
0
0
GMT
− 03:30h
101
0
1
GMT
− 11:00h
101
1
0
GMT
− 10:00h
101
1
1
GMT
− 09:00h
110
0
0
GMT
− 08:00h
110
0
1
GMT
− 07:00h
110
1
0
GMT
− 06:00h
110
1
1
GMT
− 05:00h
111
0
0
GMT
− 04:00h
111
0
1
GMT
− 03:00h
111
1
0
GMT
− 02:00h
111
1
1
GMT
− 01:00h
z4
z3
z2
z1
z0
TIME ZONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com