Electronic Components Datasheet Search
  English  ▼

X  

PCD5008 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 50Page - NXP Semiconductors PCD5008 Datasheet HTML 51Page - NXP Semiconductors PCD5008 Datasheet HTML 52Page - NXP Semiconductors PCD5008 Datasheet HTML 53Page - NXP Semiconductors PCD5008 Datasheet HTML 54Page - NXP Semiconductors PCD5008 Datasheet HTML 55Page - NXP Semiconductors PCD5008 Datasheet HTML 56Page - NXP Semiconductors PCD5008 Datasheet HTML 57Page - NXP Semiconductors PCD5008 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
1998 Jun 17
54
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
9
LIMITING VALUES
In accordance with the absolute maximum rating system (IEC 134).
Notes
1. VDD1 and VDD2 respectively VSS1 and VSS2 must be connected at the same potential.
2. VI(max) = 5.0 V.
10 DC CHARACTERISTICS
Tamb = −25 to +70 °C; VDD = 2.2 V; f = 76.8 kHz; unless otherwise specified.
Notes
1. External clock signal (frequency = 76.8 kHz, amplitude = VSS to VDD) at pin EXTAL; OSCPD = HIGH;
test inputs = LOW; other inputs = HIGH; outputs unconnected (note that any additional capacitive load at
pin CLKOUT increases the supply current); SPI transmit enabled; to obtain the supply current of an application with
a crystal connected as in Fig.18, a typical oscillator current of 2
µA needs to be added to this value
(see Chapter 12); Tamb = 25 °C.
2. As note 1, but PCD5008 configured via SPI and synchronous to a typical FLEX
™ data stream (collapse value = 4),
Tamb = 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
note 1
−0.5
+5.0
V
IDD
supply current
−
50
mA
II
DC input current (any input)
−10
+10
mA
IO
DC output current (any output)
−10
+10
mA
VI
input voltages (all inputs)
note 2
−0.5
VDD + 0.5
V
Ptot
total power dissipation
−
300
mW
PO
power dissipation per output
−
10
mW
Tamb
operating ambient temperature
−25
+70
°C
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
1.8
2.2
3.6
V
IDD(stby)
standby supply current
on = 0; note 1
−
4.2
10
µA
IDD
operating supply current
on = 1; note 2
−
4.4
−µA
Digital inputs: OSCPD, TEST2, TEST3, RESET, LOBAT, EXTS0, EXTS1, SS and MOSI
VIL
LOW-level input voltage
−−
0.2VDD
V
VIH
HIGH-level input voltage
0.8VDD
−−
V
ILI
LOW/HIGH-level input leakage current
−−
1
µA
Digital outputs: MISO, READY, CLKOUT, SYMCLK and S0 to S7
VOL
LOW-level output voltage
Isink = 0.8 mA
−
0.1
0.4
V
VOH
HIGH-level output voltage
Isource = −0.8 mA
VDD − 0.4 VDD − 0.1 −
V
ILO
LOW/HIGH-level output leakage current 3-state outputs
−−
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com