Electronic Components Datasheet Search
  English  ▼

X  

PCD5008 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 55Page - NXP Semiconductors PCD5008 Datasheet HTML 56Page - NXP Semiconductors PCD5008 Datasheet HTML 57Page - NXP Semiconductors PCD5008 Datasheet HTML 58Page - NXP Semiconductors PCD5008 Datasheet HTML 59Page - NXP Semiconductors PCD5008 Datasheet HTML 60Page - NXP Semiconductors PCD5008 Datasheet HTML 61Page - NXP Semiconductors PCD5008 Datasheet HTML 62Page - NXP Semiconductors PCD5008 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
1998 Jun 17
59
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
15.3
FLEX
™ encoding and decoding rules
The encoding and decoding rules identify the minimum
requirements which must be met by the paging device,
paging terminal or other encoding equipment to properly
format a FLEX
™ data stream for RF transmission and to
successfully decode it.
15.3.1
FLEX
™ ENCODING RULES
The FLEX
™ encoding rules are as follows:
• The stability of the encoder clock used to establish time
positions of FLEX
™ frames must be no worse than
±25 ppm (including worst case temperature and aging
effects).
• A maximum of 2 occurrences of an identical individual or
radio group address is allowed in any frame for
unfragmented messages. This rule applies across all
phases in a multi-phase frame. For example, for
decoding devices that support any-phase addressing,
an any-phase address may appear at once in two
different phases in a single multi-phase frame.
• Once an individual or radio group address is used to
begin transmitting a fragmented message, that same
address must not be used to start a new fragmented
transmission until the first fragmented transmission has
been completed.
• For the duration of time that an individual or radio group
address is being used to send a fragmented message,
that same address must not appear more than once in
any frame to send an unfragmented message.
• Once a specific dynamic group address (temporary
address) is assigned to a group, it must not be reused
until its associated message has been transmitted in its
entirety. Given this constraint, the same dynamic group
address can only appear once in any frame.
• A dynamic group address cannot be used to set up a
second dynamic group.
• Messages using any of the three defined numeric
vectors (V2V1V0 = 011, 100 and 111) cannot be
fragmented, and thus must be completely contained in a
single frame.
• Fragments of the same message must be sent at a
frequency of at least 1 every 32 frames (i.e. at least
once a minute) or 1 every 128 frames (i.e. at least once
every 4 minutes) as specified by the service provider.
• Enhanced message fragmenting for symbolic character
transmission requires that the encoder track character
boundaries within each fragment in order to avoid
character splitting.
• Message numbering as an optional feature is offered by
some carriers and available on an individual subscriber
basis.
• Message numbers must be assigned sequentially in
ascending order.
• Message number sequences must be separately
maintained for each individual and radio group address.
• Message numbers are not used (retrieval message
number disabled) in conjunction with a dynamic group
address.
• When a missed message is re-transmitted from
message retrieval storage, the message must have
R = 0 to avoid creating an out of sequence message
which may cause the pager to indicate a missed
message.
15.3.2
FLEX
™ DECODING RULES
The FLEX
™ decoding rules are as follows:
• FLEX™ decoding devices may implement either
single-phase addressing or any-phase addressing.
• FLEX™ decoding devices that support the numeric
vector type (V2V1V0 = 011) must also support the short
message vector (V2V1V0 = 010) with the message
type (t1t0) set to 00.
• FLEX™ decoding devices that support the alphanumeric
vector type (V2V1V0 = 101) must support the numeric
vector type (V2V1V0 = 011) and the short message
vector (V2V1V0 = 010) with the message type (t1t0)
set to 00, FLEX
™ paging devices that implement
any-phase and support the alphanumeric vector type
(V2V1V0 = 101) must also support the short instruction
vector (V2V1V0 = 001) with the instruction type (i2i1i0)
set to 000.
• FLEX™ decoding devices must be capable of decoding
frames at all of the following combinations of data rate
and modulation mode. They are: 1600 bps 2 level;
3200 bps 2 level; 3200 4 level and 6400 bps 4 level.
• FLEX™ decoding devices must be designed to tolerate
4 minute fragment separation times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com