Electronic Components Datasheet Search
  English  ▼

X  

PCD5008 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 43Page - NXP Semiconductors PCD5008 Datasheet HTML 44Page - NXP Semiconductors PCD5008 Datasheet HTML 45Page - NXP Semiconductors PCD5008 Datasheet HTML 46Page - NXP Semiconductors PCD5008 Datasheet HTML 47Page - NXP Semiconductors PCD5008 Datasheet HTML 48Page - NXP Semiconductors PCD5008 Datasheet HTML 49Page - NXP Semiconductors PCD5008 Datasheet HTML 50Page - NXP Semiconductors PCD5008 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
1998 Jun 17
47
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
Fig.17 FLEX
™ signal structure.
handbook, full pagewidth
MGK469
cycle 0
cycle 1
cycle 14
cycle 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . cycle 13
frame 0
frame 1
frame 127
frame 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . frame 126
sync
block 0
block 10
block 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . block 9
15 cycles (1 hour)
1 frame (1.875 seconds) = sync
+ 11 blocks
sync (115 ms)
interleaved block (160 ms)
1 cycle (4 minutes) = 128 frames
sync 1
sync 2
2 - level FM
2 or 4 level FM
4 - level FM
8
× 32 bits @ 1600 bps
16
× 32 bits @ 3200 bps
32
× 32 bits @ 6400 bps
8
+ 32 bits @ 1600 bps
48
+ 32 bits @ 3200 bps
128
+ 32 bits @ 6400 bps
32 bits @ 1600 bps (20 ms)
112 bits @ 1600 bps (70 ms)
frame info
(25 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com