| Electronic Components Datasheet Search |
|
PCD5008 Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5008 Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 64 page ![]() 1998 Jun 17 46 Philips Semiconductors Product specification FLEX ™ Pager Decoder PCD5008 8.8 Message reception 8.8.1 FLEX ™ SIGNAL STRUCTURE The FLEX ™ signal transmitted on the radio channel (see Fig.17) consists of a series of four minute cycles, each cycle having 128 frames at 1.875 seconds per frame. A pager may be assigned to process any number of the frames. Battery saving is performed for frames which are not assigned. The FLEX ™ signal can assign additional frames to the pager using collapse, fragmentation, temporary addressing or carry-on information within the FLEX ™ signal. Each FLEX ™ frame has a synchronization portion followed by an eleven block data portion, each block lasting 160 milliseconds. The synchronization portion indicates the rate at which the data portion is transmitted, 1600, 3200 or 6400 bits per second (bps). The 1600 bps rate is transmitted at 1600 symbols per second (sps) using 2 level FSK modulation and consists of a single phase of information at 1600 bps, phase-A. The 3200 bps rate is transmitted at either 1600 sps using 4 level FSK modulation or 3200 sps using 2 level FSK modulation and consists of two concurrent phases of information at 1600 bps, phase-A and phase-C. The 6400 bps rate is transmitted at 3200 sps using 4 level FSK modulation and consists of four concurrent phases of information at 1600 bps (phase-A, -B, -C and -D). Each block has eight interleaved words per phase, thus there are 88 codewords (numbered 0 to 87) per phase in every frame. Each word has information contained within an error correcting code which allows for bit error correction and detection. The 88 words in each phase are organized into a block information field, an address field, a vector field, a message field, and an idle field. The boundaries between the fields are independent of the block boundaries. Furthermore, at 3200 and 6400 bps, the information in one phase is independent of the information in a concurrent phase, and the boundaries between the fields of one phase are unrelated to the boundaries between the fields in a concurrent phase. The synchronization portion consists of: a first sync signal at 1600 bps; a frame information word having the frame number 0 to 127 (7 bits) and the cycle number 0 to 14 (4 bits); and a second sync signal at the data rate of the interleaved portion. The block information field contains BIWs. These can be used for determining time and date information and certain paging system information. The address field contains addresses assigned to paging devices. Addresses are used to identify information sent to individual paging devices and/or groups of paging devices. Information in the FLEX ™ signal may indicate that an address is a priority address. An address may be either a short (one word) address or a long (two word) address. An address may be a tone-only address in which case there is no additional information associated with the address. If an address is not a tone-only address, then there is an associated vector word in the vector field. Information in the FLEX ™ signal indicates the location of the vector word in the vector field associated with the address. A pager may perform battery saving at the end of the address field when its address(es) is not detected. The vector field consists of a series of vector words. Depending upon the type of message, a vector word (or words in the case of a long address) may either contain all of the information necessary for the message, or indicate the location of message words in the message field comprising the message information. Short addresses have one associated vector word in the vector field. Long addresses have one associated vector word in the vector field directly followed by the first message codeword of the call. The message field consists of a series of information words containing message information. The message information may be formatted in ASCII, BCD or binary depending upon the message type. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |