Electronic Components Datasheet Search
  English  ▼

X  

PCD5008 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 15Page - NXP Semiconductors PCD5008 Datasheet HTML 16Page - NXP Semiconductors PCD5008 Datasheet HTML 17Page - NXP Semiconductors PCD5008 Datasheet HTML 18Page - NXP Semiconductors PCD5008 Datasheet HTML 19Page - NXP Semiconductors PCD5008 Datasheet HTML 20Page - NXP Semiconductors PCD5008 Datasheet HTML 21Page - NXP Semiconductors PCD5008 Datasheet HTML 22Page - NXP Semiconductors PCD5008 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
1998 Jun 17
19
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
8.4.7
CONTROL PACKET (ID = 02H)
The control packet defines a number of different control
bits for the PCD5008.
FF: force frame 0 to 7 (Table 11). When set, each of these
bits forces the PCD5008 to decode one of the FLEX
™
frames 0 to 7 irrespective of the system collapse value (for
details of collapse values see Section 8.6.2). For example,
if the system collapse causes the PCD5008 to decode
frames 0, 32, 64 and 96, setting FF2 causes the PCD5008
to also decode FLEX
™ frame 2. This may be used to
acquire transmitted time information. Value after reset = 0.
SPM: single phase mode (Table 11). When this bit is set,
the PCD5008 decodes only one of the transmitted phases.
When this bit is clear, the PCD5008 decodes all
transmitted phases. This value is determined by the
CAPCODE (Section 8.6). A change to this bit while the
PCD5008 is on does not take effect until the next block 0
of a frame. Value after reset = 0.
PS: phase select (Tables 10 and 11). When the SPM bit is
set, these bits define which phase the PCD5008 shall
decode. This value is determined by the CAPCODE
(Section 8.6). A change to these bits, while the PCD5008
is on, does not take effect until the next block 0 of a frame.
Value after reset = 0.
Table 10 Phase selection (PS bits)
SBI: send block information words (BIW) 2 to 4
(Table 11). When this bit is set, BIWs with time and date
information and BIWs received in error are sent to the host,
(Section 8.7.9). Value after reset = 0.
PS1
PS0
DECODED PHASE (BASED ON
FLEX
™ DATA RATE)
1600 bits/s 3200 bits/s 6400 bits/s
0
0
AAA
0
1
AAB
10
A
C
C
11
A
C
D
MTC: minute timer clear (Table 11). Setting this bit causes
the 1-minute timer to restart from 0 (Section 8.4.8).
ON: turn on decoder (Table 11). When this bit is set, the
PCD5008 decodes FLEX
™ signals. If this bit is cleared,
signal processing stops. However, to assure proper
operation, the PCD5008 requires that it be set into
asynchronous mode when turned off. To achieve that the
following sequence must be used:
1. Send control packet with ON bit clear (decoder off)
2. Send control packet with ON bit set (decoder on)
3. Send control packet with ON bit clear (decoder off).
Timing between these steps is specified below and is
measured from the positive edge of the last clock of one
packet to the positive edge of the last clock of the next
packet.
• The minimum time between steps 1 and 2 is the greater
of 2 ms or the programmed shut-down time.
The programmed shut-down time is the sum of all of the
times programmed in the used receiver shut-down
settings packets.
• There is no maximum time between steps 1 and 2
• The minimum time between steps 2 and 3 is 2 ms
• The maximum time between steps 2 and 3 is the
programmed warm-up time minus 2 ms.
The programmed warm-up time is the sum of all the
times programmed in the used receiver warm-up
settings packets.
8.4.8
OPERATING THE 1-MINUTE TIMER
The PCD5008 provides a 1-minute timer which allows the
host to implement a time-of-day function while maintaining
low-power operation. The 1-minute timer is enabled using
the MTE bit in the configuration packet (Section 8.4.4).
When the 1-minute timer is enabled, a status packet is
sent at 1-minute intervals with the MT bit set
(Section 8.4.9). When the MTE bit is clear, the internal
1-minute timer stops counting. When the host sends a
control packet with MTC bit set, the 1-minute timer restarts
from 0. This allows accurate setting of a time-of-day
function.
Table 11 Control packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300000010
2FF7
FF6
FF5
FF4
FF3
FF2
FF1
FF0
1
0
SPM
PS1
PS0
0000
0
0
SBI
0
MTC
0
0
0
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com