Electronic Components Datasheet Search
  English  ▼

X  

PCD5008 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 51Page - NXP Semiconductors PCD5008 Datasheet HTML 52Page - NXP Semiconductors PCD5008 Datasheet HTML 53Page - NXP Semiconductors PCD5008 Datasheet HTML 54Page - NXP Semiconductors PCD5008 Datasheet HTML 55Page - NXP Semiconductors PCD5008 Datasheet HTML 56Page - NXP Semiconductors PCD5008 Datasheet HTML 57Page - NXP Semiconductors PCD5008 Datasheet HTML 58Page - NXP Semiconductors PCD5008 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
1998 Jun 17
55
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
11 AC CHARACTERISTICS
Tamb = −25 to +70 °C, VDD = 1.8 to 3.6 V, fEXTAL = 76.8 kHz, maximum load capacitance = 50 pF connected to any
digital output; unless otherwise specified.
Notes
1. T is one period of the 76.8 kHz clock source. Note that from power-up, the oscillator start-up time can influence the
availability and period of clock strobes. This can affect the RESET HIGH to READY LOW timing.
2. When the host re-programs an address word with a host-to-decoder packet ID > 7FH, there is an added delay before
the PCD5008 is ready for another packet.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reset timing
tW(rst)
RESET pulse width
200
−−
ns
tLH(RESET-READY)
RESET LOW to READY HIGH
−−
200
ns
tHL(RESET-READY)
RESET HIGH to READY LOW stable 76.8 kHz clock
−
1
−
s
Start-up timing
tstrt(osc)
oscillator start-up time
see Fig.18
−
1
−
s
th(rst)
RESET hold time
200
−−
ns
tHL(RESET-READY)
RESET HIGH to READY LOW note 1
−
76800
−
T
tWUL(osc-READY)
oscillator warmed up to
READY LOW
−
1
−
s
SPI timing
fSCK
operating frequency
0
−
1
MHz
Tcy(SCK)
cycle time
1000
−−
ns
tLEAD1
select lead time
200
−−
ns
tLAG1
de-select lag time
200
−−
ns
td(SS-READY)
SS-to-READY delay time
previous packet did not program
an address word; note 2
−−
80
µs
previous packet programmed an
address word; note 2
−−
420
µs
tREADYH
READY HIGH time
50
−−
µs
tLEAD2
READY lead time
200
−−
ns
tLAG2
READY lag time
−−
200
ns
tsu(i)(D)
MOSI data setup time
200
−−
ns
th(i)(D)
MOSI data hold time
200
−−
ns
tACC(o)
MISO access time
0
−
200
ns
to(dis)
MISO disable time
−−
300
ns
tDOV
MISO data valid time
−−
200
ns
th(o)(D)
MISO data hold time
0
−−
ns
tSSH
SS HIGH time
200
−−
ns
tSCKH
SCK HIGH time
300
−−
ns
tSCKL
SCK LOW time
300
−−
ns
tr
SCK rise time
10% to 90% VDD
−−
1
µs
tf
SCK fall time
10% to 90% VDD
−−
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com