Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 16 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 16 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 12Page - VIA Technologies, Inc. VT6306 Datasheet HTML 13Page - VIA Technologies, Inc. VT6306 Datasheet HTML 14Page - VIA Technologies, Inc. VT6306 Datasheet HTML 15Page - VIA Technologies, Inc. VT6306 Datasheet HTML 16Page - VIA Technologies, Inc. VT6306 Datasheet HTML 17Page - VIA Technologies, Inc. VT6306 Datasheet HTML 18Page - VIA Technologies, Inc. VT6306 Datasheet HTML 19Page - VIA Technologies, Inc. VT6306 Datasheet HTML 20Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-10-
Pinouts
Serial Configuration Memory / I2C Interface
Signal Name
Pin #
I/O
Signal Description
EECS
29
O
EEPROM Chip Select.
Chip select for external serial EEPROM when used to
provide configuration data.
EEDO
30
O
EEPROM Data Out.
EEDI / SDA
31
I / IO
EEPROM Data In / I2C Data.
EECK / SCL
32
O / IO
EEPROM Clock / I2C Clock.
Miscellaneous
Signal Name
Pin #
I/O
Signal Description
PME#
37
O
Power Management Event.
MODE[1-0]
42-43
I
Operation Select.
00 Normal Mode (all PHY / Link signals are disabled)
01 PHY Test Mode
10 Link Test Mode
11 Watch Mode (all PHY / Link signals are outputs)
Internal pull-down for default 00.
These pins are normally not connected.
NC
38, 40, 44-
48, 51-57,
67
-
No Connect.
Reserved for future use. Some of these pins are used for power-on
straps and some are used for test functions. Except for strap options, these pins
should remain unconnected.
Digital Power
Signal Name
Pin #
I/O
Signal Description
VCC
8, 20, 33, 35,
102, 113, 114, 125
P
Power.
3.3V ±0.3V.
VCCRAM
24
P
Internal SRAM Power.
3.3V ±0.3V.
Analog Power
Signal Name
Pin #
I/O
Signal Description
VCCSUS
39, 49
P
Suspend Power.
3.3V ±0.3V.
VCCARX0
65
P
Analog Power for 1394 Receive Channel 0.
3.3V ±0.3V.
VCCATX0
62
P
Analog Power for 1394 Transmit Channel 0.
3.3V ±0.3V.
VCCARX1
75
P
Analog Power for 1394 Receive Channel 1.
3.3V ±0.3V.
VCCATX1
76
P
Analog Power for 1394 Transmit Channel 1.
3.3V ±0.3V.
VCCARX2
89
P
Analog Power for 1394 Receive Channel 2.
3.3V ±0.3V.
VCCATX2
90
P
Analog Power for 1394 Transmit Channel 2.
3.3V ±0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com