Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 18 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 18 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 14Page - VIA Technologies, Inc. VT6306 Datasheet HTML 15Page - VIA Technologies, Inc. VT6306 Datasheet HTML 16Page - VIA Technologies, Inc. VT6306 Datasheet HTML 17Page - VIA Technologies, Inc. VT6306 Datasheet HTML 18Page - VIA Technologies, Inc. VT6306 Datasheet HTML 19Page - VIA Technologies, Inc. VT6306 Datasheet HTML 20Page - VIA Technologies, Inc. VT6306 Datasheet HTML 21Page - VIA Technologies, Inc. VT6306 Datasheet HTML 22Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-12-
Register Overview
REGISTERS
Register Overview
The following tables summarize the configuration and I/O
registers of the VT6306.
These tables also document the
power-on default value (“Default”) and access type (“Acc”) for
each register.
Access type definitions used are RW
(Read/Write), RO (Read/Only), “—” for reserved / used
(essentially the same as RO), and RWC (or just WC) (Read /
Write 1’s to Clear individual bits). Registers indicated as RW
may have some read/only bits that always read back a fixed
value (usually 0 if unused); registers designated as RWC or
WC may have some read-only or read write bits (see individual
register descriptions for details).
Detailed register descriptions are provided in the following
section of this document.
All offset and default values are
shown in hexadecimal unless otherwise indicated
Table 2. Registers
PCI Function 0 Registers – Link Controller
Configuration Space Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3044
RO
5-4
Command
0000
RW
7-6
Status
0280
WC
8
Revision ID
nn
RO
9
Programming Interface
10
RO
A
Sub Class Code
00
RO
B
Base Class Code
0C
RO
C
-reserved- (cache line size)
00
—
D
Latency Timer
00
RW
E
Header Type
00
RO
F
-reserved- (Built In Self Test)
00
—
13-10 OHCI CSR MMIO Base Address
0000 0000 RW
17-14 VIO I/O Base Address
0000 0001 RW
1B-18 CIS Base Address (PCI Mode)
0000 0000 RO
CIS Base Address (Cardbus Mode)
0000 0000 RW
1C-27 -reserved- (base address registers)
00
—
28-2B CIS Pointer (PCI Mode)
0000 0000 RO
CIS Pointer (Cardbus Mode)
0000 0083
RO
2F-2C Subsystem ID Read
Nnnn nnnn RO
30-33 -reserved- (expan. ROM base addr)
00
—
34
Capabilities Pointer
50
RO
35-3B -reserved- (unassigned)
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
01
RO
3E
Minimum Grant
00
RO
3F
Maximum Latency
20
RO
Controller-Specific Configuration Registers
Offset Configuration Registers
Default
Acc
43-40 PCI HCI Control
0000 0000 RO
44-4F -reserved-
00
—
Power Management Registers
Offset Power Management Register Block
Default
Acc
50
Power Management Capabilities ID
01
RO
51
Next Pointer
00
RO
53-52 Power Management Capabilities
E002
RO
55-54 Power Management CSR
0000
WC
56
Power Management CSR BSE
00
RO
57
Power Management Data
00
RO
58-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com