Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 57 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 57 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 51Page - VIA Technologies, Inc. VT6306 Datasheet HTML 52Page - VIA Technologies, Inc. VT6306 Datasheet HTML 53Page - VIA Technologies, Inc. VT6306 Datasheet HTML 54Page - VIA Technologies, Inc. VT6306 Datasheet HTML 55Page - VIA Technologies, Inc. VT6306 Datasheet HTML 56Page - VIA Technologies, Inc. VT6306 Datasheet HTML 57Page - VIA Technologies, Inc. VT6306 Datasheet HTML 58Page - VIA Technologies, Inc. VT6306 Datasheet HTML 59Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-51-
Electrical Specifications
Technologies,Inc.
We Connect
We Connect
We Connect
We Connect
Recommended Operating Conditions - PHY
Symbol Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply voltage
3
3.3
3.6
V
VIL1
Input Low Voltage
PHYCMC, PHYPC[0:2]
-0.5
1.1
V
VIH1
Input High Voltage
PHYCMC, PHYPC[0:2]
2.2
VCC +0.5
V
VIL2
Input Low Voltage
PHYRST#
-0.5
0.9
V
VIH2
Input High Voltage
PHYRST#
2.1
VCC +0.5
V
IO
TPBIAS output current
-1.2
1.2
mA
IOL , IOH Output High/Low current
-16
16
mA
TPU
Power-up reset time
PHYRST# input
0.5
ms
VID
Differential input voltage
TPA/TPB cable input during data reception
118
260
mV
VIDA
Differential input voltage
TPA/TPB cable input during arbitration
168
265
mV
VIC
Common mode input voltage
1.165
2.515
V
Receive input jitter
S400
+/-0.5
ns
Receive input skew
S400
+/-0.5
ns
fXSTAL Crystal or external clock
frequency
XI
24.5735 24.576 24.5785 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com