Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 43 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 43 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 39Page - VIA Technologies, Inc. VT6306 Datasheet HTML 40Page - VIA Technologies, Inc. VT6306 Datasheet HTML 41Page - VIA Technologies, Inc. VT6306 Datasheet HTML 42Page - VIA Technologies, Inc. VT6306 Datasheet HTML 43Page - VIA Technologies, Inc. VT6306 Datasheet HTML 44Page - VIA Technologies, Inc. VT6306 Datasheet HTML 45Page - VIA Technologies, Inc. VT6306 Datasheet HTML 46Page - VIA Technologies, Inc. VT6306 Datasheet HTML 47Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-37-
Register Descriptions
PHY Register Page 1 - Vendor Identification
The Vendor Identification page is used to identify the
VT6306’s vendor and compliance level. The page is selected
by writing one to Page_select in the PHY register at address
0111.
Offset
7
6
5
4
3
2
1
0
1000b
Compliance Level
1001b
-reserved-
1010b
1011b
1100b
Vendor ID
1101b
1110b
1111b
Product ID
Table 6. PHY Register Page 1 Bit Field Descriptions
Field
Bits Type Default Description
Compliance
Level
8
R
1
“1” indicates IEEE P1394a
Vendor ID
24
R
00 40 63 The
company
ID
or
Organizationally
Unique
Identifier
(OUI)
of
the
manufacturer of the PHY. The
most
significant
byte
of
Vendor_ID
appears
at
PHY
register location 1010 and the
least significant at 1100.
Product ID
24
R
30 60 00 The meaning of this number is
determined by the company or
organization
that
has
been
granted Vendor_ID.
The most
significant byte of Product_ID
appears at PHY register location
1101 and the least significant at
1111.
PHY Register Page 7 - Vendor-Dependent
The vendor-dependent page provides registers set aside for use
by the PHY’s vendor. The page is selected by writing seven to
Page_select in the PHY register at address 0111.
Offset
7654
3
2
10
1000b
Reserved for Test (Do Not Access)
1001b
Reserved for Test (Do Not Access)
1010b
Reserved for Test (Do Not Access)
1011b
Reserved for Test (Do Not Access)
1100b
Reserved for Test (Do Not Access)
1101b
Reserved for Test (Do Not Access)
1110b
Reserved for Test (Do Not Access)
1111b
Reserved for Test (Do Not Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com