Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 25 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 25 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 21Page - VIA Technologies, Inc. VT6306 Datasheet HTML 22Page - VIA Technologies, Inc. VT6306 Datasheet HTML 23Page - VIA Technologies, Inc. VT6306 Datasheet HTML 24Page - VIA Technologies, Inc. VT6306 Datasheet HTML 25Page - VIA Technologies, Inc. VT6306 Datasheet HTML 26Page - VIA Technologies, Inc. VT6306 Datasheet HTML 27Page - VIA Technologies, Inc. VT6306 Datasheet HTML 28Page - VIA Technologies, Inc. VT6306 Datasheet HTML 29Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-19-
Register Descriptions
Power Management Registers
Offset 50 – Capabilities ID (01h) ...................................... RO
7-0
Capabilities ID
................................ always reads 01h
Always reads 01h to indicate that this list item is the
Power Management Register Block
Offset 51 – Next Item Pointer (00h) ................................. RO
7-0
Next Item Pointer
............................... always reads 0
Always reads 0 to indicate that there are no additional
items in the Capabilities List.
Offset 53-52 – Power Management Capabilities (E002) RO
15
PME# Can Be Asserted From D3cold
0
Not capable
1
Capable.....................................always reads 1
14
PME# Can Be Asserted From D3hot
0
Not capable
1
Capable.....................................always reads 1
13
PME# Can Be Asserted From D2
0
Not capable
1
Capable.....................................always reads 1
12
PME# Can Be Asserted From D1
0
Not capable ............................... always reads 0
1
Capable
11
PME# Can Be Asserted From D0
0
Not capable ............................... always reads 0
1
Capable
10
D2 Power Management State Supported
0
Not supported ........................... always reads 0
1
Supported
9
D1 Power Management State Supported
0
Not supported ........................... always reads 0
1
Supported
8-6
3.3V Auxiliary Current Required
000 None (device is self powered) ... always reads 0
001 55 mA
010 100 mA
011 160 mA
100 220 mA
101 270 mA
110 320 mA
111 375 mA
5
Device-Specific Initialization Required
0
Not required .............................. always reads 0
1
Required
4
Reserved
........................................ always reads 0
3
PME Clock
0
No PCI clock is required ........... always reads 0
1
PCI clock is required for PME# generation
2-0
Specification Version
................... always reads 010b
Reads 010b to indicate that this function complies
with Revision 1.1 of the PCI Power Management
Interface Specification
Offset 55-54 – Pwr Mgmt Control / Status (PMCSR) RWC
15
PME Status
......................................................RWC
This bit is set when the function would normally
assert the PME# signal independent of the state of the
PME_Enable bit. Writing a “1” will clear this bit and
cause the function to stop asserting PME# (if
enabled).
14-13 Data Scale
......................................................... RO
Scaling factor to use when interpreting the value of
the Data register....................................always reads 0
12-9 Data Select
........................................................ RW
Used to select which data is to be reported through
the Data register and Data_Scale field........default = 0
8
PME Enable
........................................................ RW
0
PME# assertion disabled........................ default
1
PME# assertion enabled
7-2
Reserved
........................................always reads 0
1-0
Power State
........................................................ RW
These bits indicate the current power state and are
used to change to a new power state. If an attempt is
made
to
write
a
code
corresponding
to
an
unsupported state, the write of these bits is ignored
and no state change occurs.
00 D0
01 D1
10 D2
11 D3hot
Offset 56 – Pwr Mgmt CSR Bridge Support Extensions RO
7
Bus Power / Clock Control Enable
....always reads 0
6
B2/B3 Support for D3hot
...................always reads 0
5-0
Reserved
........................................always reads 0
Offset 57 – Power Management Data............................... RO
7-0
Data
Used to report state-dependent data requested by the
Data Select field of the PMCSR register (scaled per
the Data Scale field).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com