Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 58 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 58 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 51Page - VIA Technologies, Inc. VT6306 Datasheet HTML 52Page - VIA Technologies, Inc. VT6306 Datasheet HTML 53Page - VIA Technologies, Inc. VT6306 Datasheet HTML 54Page - VIA Technologies, Inc. VT6306 Datasheet HTML 55Page - VIA Technologies, Inc. VT6306 Datasheet HTML 56Page - VIA Technologies, Inc. VT6306 Datasheet HTML 57Page - VIA Technologies, Inc. VT6306 Datasheet HTML 58Page - VIA Technologies, Inc. VT6306 Datasheet HTML 59Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-52-
Electrical Specifications
Technologies,Inc.
We Connect
We Connect
We Connect
We Connect
Analog Signal Characteristics
Unless otherwise noted, all test conditions are as follows:
TC = 0 to +55
0C
VCC = 3.3V +/- 10%
24.576 MHz +/- 0.01%
XRES = 6.34 K +/- 1%, no load
TPA/TPB Driver Characteristics
Symbol Parameter
Condition
Min
Max
Unit
VOD
Output signal amplitude
Differential, 54.9 Ohm
172
265
mV
Transmitter skew
S400
0.1
ns
Transmitter jitter
S400
0.15
ns
S100(10%-90%)
0.5
3.2
ns
S200(10%-90%)
0.5
2.2
ns
Data output rise/fall time
S400(10%-90%)
0.5
1.2
ns
VOFF
OFF state differential voltage
Peak-to-peak, differential, 54.9 Ohm
20
mV
IOD
Driver difference current
Speed signaling OFF, XTPAP, XTPAM, XTPBP, XTPBM
-1.05
1.05
mA
S100, XTPBP, XTPBM
-0.81
-0.44
mA
S200, XTPBP, XTPBM
-4.84
-2.53
mA
Common mode speed signaling
current
S400, XTPBP, XTPBM
-12.4
-8.10
mA
TPA/TPB Receiver Characteristics
Symbol Parameter
Condition
Min
Typ
Max
Unit
4
pF
ZID
Differential input impedance
Driver disabled
14
Kohm
24
pF
ZIC
Common mode impedance
Driver disabled
20
Kohm
VTH-R Receiver input threshold voltage
Driver disabled
-30
30
mV
VTH-CB Cable bias detect threshold, XTPBx cable inputs
Driver disabled
0.6
1.0
V
VTH+
Positive arbitration comparator threshold voltage
Driver disabled
89
168
mV
VTH-
Negative arbitration comparator threshold voltage Driver disabled
-168
-89
mV
VTH-S200 S200 speed signal threshold
Driver disabled
49
131
mV
VTH-S400 S400 speed signal threshold
Driver disabled
314
396
mV
ICD
Connect Detect output at TPBIAS pins
76
uA
PHY Characteristics
Symbol Parameter
Condition
Min
Max
Unit
Power status threshold
CPS input with 1K/11K voltage divider
7.8
40
V
TPBIAS output voltage
At IO current
1.665 2.015
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com