Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 47 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 47 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 43Page - VIA Technologies, Inc. VT6306 Datasheet HTML 44Page - VIA Technologies, Inc. VT6306 Datasheet HTML 45Page - VIA Technologies, Inc. VT6306 Datasheet HTML 46Page - VIA Technologies, Inc. VT6306 Datasheet HTML 47Page - VIA Technologies, Inc. VT6306 Datasheet HTML 48Page - VIA Technologies, Inc. VT6306 Datasheet HTML 49Page - VIA Technologies, Inc. VT6306 Datasheet HTML 50Page - VIA Technologies, Inc. VT6306 Datasheet HTML 51Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-41-
Functional Descriptions
Support to PHY Packet
The VT6306 PHY will forward to the link (if the internal link layer is active) every PHY packet received on the bus. It will
interpret every PHY packet which it receives from the local link device for transmission on the bus (in addition to responding to
every PHY packet received from the bus). The VT6306 PHY will act on it in exactly the same way as if the packet was received
from the bus.
Self-ID Packet
The Self-ID packet has the format shown in Figure 6 and the fields in the Self-ID packet are derived as shown in Table 8.
Note: Bit 0 (the lsb) is on the left in the above diagram
Figure 6. Self-ID Packet Format
Table 8. Self ID Packet Fields
Field Definition Meaning
phy_ID
Physical node identifier
L
Link enabled register Logical AND of PHYLPS signal and the Link_active register
gap_cnt
Gap_Count register current value of Gap Count register
Sp
Max_Phy_Speed is 10b (S100, S200 and S400 capable)
C
Contender register current value of C register
Pwr
Power class register current value of Power class register
p0, p1, p2
p0, p1, p2 port status for port 0, 1, and 2 respectively.
01 - not active (disabled, disconnected or suspended)
10 – active and connected to parent node
11 – active and connected to child node
I
Initiated reset set whenever the node initiated the current bus reset
Link-On Packet
The VT6306 PHY will respond to a Link_on packet addressed to it received on the bus. The packet has the format shown below in
Figure 7 If the logical AND of the PHYLPS pin and the Link_active bit is zero, then the PHY will generate a 6.144 MHz signal on
the PHYLON pin, until this logical value becomes 1. Otherwise the packet is forwarded to the local link. Note that all Link_on
packets received on the bus are forwarded to the local link if it is active, whether or not the packets are addressed to the local node.
Note: Bit 0 (the lsb) is on the left in the above diagram
Figure 7. Link_on Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com