Electronic Components Datasheet Search
  English  ▼

X  

VT6306 Datasheet(PDF) 27 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 27 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 23Page - VIA Technologies, Inc. VT6306 Datasheet HTML 24Page - VIA Technologies, Inc. VT6306 Datasheet HTML 25Page - VIA Technologies, Inc. VT6306 Datasheet HTML 26Page - VIA Technologies, Inc. VT6306 Datasheet HTML 27Page - VIA Technologies, Inc. VT6306 Datasheet HTML 28Page - VIA Technologies, Inc. VT6306 Datasheet HTML 29Page - VIA Technologies, Inc. VT6306 Datasheet HTML 30Page - VIA Technologies, Inc. VT6306 Datasheet HTML 31Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-21-
Register Descriptions
Autonomous CSR Resources
The VT6306 implements the 1394 “Compare-and-Swap” bus
management registers, the Configuration ROM Header, and
the “Bus Info Block”. It also allows access to the first 1K
bytes of the configuration ROM.
Atomic compare-and-swap transactions, when accessed from
the 1394 bus, are autonomous without software intervention.
To access these bus management resource registers via the PCI
bus, the software first loads the CSR Data register with a new
data value to be loaded, then it loads the CSR Compare
register with the expected value. Finally, it writes the CSR
Control register with the selected value of the resource. This
initiates a compare-and-swap operation. When complete, the
CSR Control register “done” bit will be set and the CSR Data
register will contain the value of the selected resource prior to
the host-initiated compare-and-swap operation.
Bus Management CSR Registers
1394 requires certain 1394 bus management resource registers
to be accessible only via 32-bit read and 32-bit lock (compare-
and-swap) transactions.
These special bus management
resource registers are implemented on-chip:
CSR
Hardware or
CSR Address
Select
Register Name
Bus Reset
FFFF F000 021C
00
Bus Manager ID
0000 003F
FFFF F000 0220
01
Bandwidth Available
0000 1333
FFFF F000 0224
10 Channels Available Hi FFFF FFFF
FFFF F000 0228
18 Channels Available Lo FFFF FFFF
CSR Address FFFF F000 021C – Bus Manager ID....... RW
31-6 Reserved
........................................ always reads 0
5-0
Bus Manager ID
................................... default = 3Fh
CSR Address FFFF F000 0220 – Bandwidth Available RW
31-13 Reserved
........................................ always reads 0
12-0 Bandwidth Available
........................ default = 1333h
CSR Address FFFF F000 0224 – Channels Avail Hi..... RW
7-0
Reserved
........................................ always reads 0
CSR Address FFFF F000 0228 – Channels Avail Lo .... RW
7-0
Reserved
........................................ always reads 0
Memory Offset C – CSR Data ......................................... RW
31-0 CSR Data
................................ default = undefined
Data to be stored if comparison is successful.
Memory Offset 10 – CSR Compare Data ....................... RW
31-0 CSR Compare Data
.................... default = undefined
Data to be compared with existing value of CSR
resource.
Memory Offset 14 – CSR Control ................................... RW
31
CSR Done
..............................................default = 1
Set when a compare-swap operation is completed.
Reset whenever this register is written.
30-2 Reserved
........................................always reads 0
1-0
CSR Resource Select
.................. default = undefined
00 Bus Manager ID
01 Bandwidth Available
10 Channels Available Hi
11 Channels Available Lo
Memory Offset 18 – Configuration ROM Header ......... RW
31-24 Bus Info Block Length
..............................default = 0
Length of the Bus Information Block in doublewords
23-16 CRC Length
..............................................default = 0
Length of the block protected by the CRC (a value of
4
indicates
that
the
CRC
only
protects
the
configuration ROM header).
15-0 ROM CRC Value
Default value loaded from GUID ROM if present
(default is undefined if GUID ROM is not present).
Must be set prior to setting the “HC Control” register
“Link Enable” bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com