Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 72Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 73Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 74Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 75Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 76Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 77Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 78Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 79Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 360 page
background image
76
8021A–AVR–12/06
ATmega329P/3290P
12.3.3
Alternate Functions of Port C
The Port C has an alternate function as SEG for the LCD Controller.
The alternate pin configuration is as follows:
• SEG – Port D, Bit 7:0
SEG, LCD front plane 5/5, 6/6, 11/7-16/12.
Table 12-10 and Table 12-11 relate the alternate functions of Port C to the overriding signals
shown in Figure 12-5 on page 70.
Table 12-9.
Port C Pins Alternate Functions (SEG refers to 100-pin/64-pin pinout)
Port Pin
Alternate Function
PC7
SEG (LCD Front Plane 5/5)
PC6
SEG (LCD Front Plane 6/6)
PC5
SEG (LCD Front Plane 11/7)
PC4
SEG (LCD Front Plane 12/8)
PC3
SEG (LCD Front Plane 13/9)
PC2
SEG (LCD Front Plane14/10)
PC1
SEG (LCD Front Plane 15/11)
PC0
SEG (LCD Front Plane 16/12)
Table 12-10. Overriding Signals for Alternate Functions in PC7:PC4
Signal Name
PC7/SEG5
PC6/SEG6
PC5/SEG(11/7)
PC4/SEG(12/8)
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
0000
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
LCDEN
LCDEN
LCDEN
LCDEN
DIEOV
0000
DI
––––
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com