Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 15Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 16Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 17Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 18Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 19Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 20Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 21Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 22Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 360 page
background image
19
8021A–AVR–12/06
ATmega329P/3290P
6.
AVR Memories
6.1
Overview
This section describes the different memories in the ATmega329P/3290P. The AVR architecture
has two main memory spaces, the Data Memory and the Program Memory space. In addition,
the ATmega329P/3290P features an EEPROM Memory for data storage. All three memory
spaces are linear.
6.2
In-System Reprogrammable Flash Program Memory
The ATmega329P/3290P contains 32K bytes On-chip In-System Reprogrammable Flash mem-
ory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized
as 16K x 16. For software security, the Flash Program memory space is divided into two sec-
tions, Boot Program section and Application Program section.
The F lash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega329P/3290P Program Counter (PC) is 14 bits wide, thus addressing the 16K program
memory locations. The operation of Boot Program section and associated Boot Lock bits for
software protection are described in detail in ”Boot Loader Support – Read-While-Write Self-Pro-
gramming” on page 280. ”Memory Programming” on page 295 contains a detailed description
on Flash data serial downloading using the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in ”Instruction Execution Tim-
ing” on page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com