Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 26Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 27Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 28Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 29Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 30Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 31Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 32Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 33Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 360 page
background image
30
8021A–AVR–12/06
ATmega329P/3290P
7.4
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can be con-
figured for use as an On-chip Oscillator, as shown in Figure 7-2. Either a quartz crystal or a
ceramic resonator may be used.
C1 and C2 should always be equal for both crystals and resonators. The optimal value of the
capacitors depends on the crystal or resonator in use, the amount of stray capacitance, and the
electromagnetic noise of the environment. Some initial guidelines for choosing capacitors for
use with crystals are given in Table 7-3. For ceramic resonators, the capacitor values given by
the manufacturer should be used.
Figure 7-2.
Crystal Oscillator Connections
The Oscillator can operate in three different modes, each optimized for a specific frequency
range. The operating mode is selected by the fuses CKSEL3..1 as shown in Table 7-3.
Note:
1. This option should not be used with crystals, only with ceramic resonators.
The CKSEL0 Fuse together with the SUT1..0 Fuses select the start-up times as shown in Table
7-4.
Table 7-3.
Crystal Oscillator Operating Modes
CKSEL3..1
Frequency Range
(MHz)
Recommended Range for Capacitors C1 and
C2 for Use with Crystals (pF)
100(1)
0.4 - 0.9
–
101
0.9 - 3.0
12 - 22
110
3.0 - 8.0
12 - 22
111
8.0 -
12 - 22
Table 7-4.
Start-up Times for the Crystal Oscillator Clock Selection
CKSEL0
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
0
00
258 CK(1)
14CK + 4.1 ms
Ceramic resonator, fast
rising power
0
01
258 CK(1)
14CK + 65 ms
Ceramic resonator,
slowly rising power
010
1K CK(2)
14CK
Ceramic resonator,
BOD enabled
XTAL2
XTAL1
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com