Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 94 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 90Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 91Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 92Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 93Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 94Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 95Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 96Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 97Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 360 page
background image
94
8021A–AVR–12/06
ATmega329P/3290P
13. 8-bit Timer/Counter0 with PWM
13.1
Features
• Single Compare Unit Counter
• Clear Timer on Compare Match (Auto Reload)
• Glitch-free, Phase Correct Pulse Width Modulator (PWM)
• Frequency Generator
• External Event Counter
• 10-bit Clock Prescaler
• Overflow and Compare Match Interrupt Sources (TOV0 and OCF0A)
13.2
Overview
Timer/Counter0 is a general purpose, single compare unit, 8-bit Timer/Counter module. A simpli-
fied block diagram of the 8-bit Timer/Counter is shown in Figure 13-1. For the actual placement
of I/O pins, refer to ”Pinout ATmega3290P” on page 2 and ”Pinout ATmega329P” on page 3.
CPU accessible I/O Registers, including I/O bits and I/O pins, are shown in bold. The device-
specific I/O Register and bit locations are listed in the ”Register Description” on page 154.
Figure 13-1. 8-bit Timer/Counter Block Diagram
13.2.1
Registers
The Timer/Counter (TCNT0) and Output Compare Register (OCR0A) are 8-bit registers. Inter-
rupt request (abbreviated to Int.Req. in the figure) signals are all visible in the Timer Interrupt
Flag Register (TIFR0). All interrupts are individually masked with the Timer Interrupt Mask Reg-
ister (TIMSK0). TIFR0 and TIMSK0 are not shown in the figure.
The Timer/Counter can be clocked internally, via the prescaler, or by an external clock source on
the T0 pin. The Clock Select logic block controls which clock source and edge the Timer/Counter
uses to increment (or decrement) its value. The Timer/Counter is inactive when no clock source
is selected. The output from the Clock Select logic is referred to as the timer clock (clk
T0).
Timer/Counter
=
TCNTn
Waveform
Generation
OCn
= 0
Control Logic
= 0xFF
BOTTOM
count
clear
direction
TOVn
(Int.Req.)
OCRn
TCCRn
Clock Select
Tn
Edge
Detector
( From Prescaler )
clkTn
TOP
OCn
(Int.Req.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com