Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 93 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 89Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 90Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 91Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 92Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 93Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 94Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 95Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 96Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 360 page
background image
93
8021A–AVR–12/06
ATmega329P/3290P
12.4.24
DDRH – Port H Data Direction Register
(1)
12.4.25
PINH – Port H Input Pins Address
(1)
12.4.26
PORTJ – Port J Data Register
(1)
12.4.27
DDRJ – Port J Data Direction Register
(1)
12.4.28
PINJ – Port J Input Pins Address
(1)
Note:
1. Register only available in ATmega3290P.
Bit
7
6
543210
(0xD9)
DDH7
DDH6
DDH5
DDH4
DDH3
DDH2
DDH1
DDH0
DDRH
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
Bit
7
6
543210
(0xD8)
PINH7
PINH6
PINH5
PINH4
PINH3
PINH2
PINH1
PINH0
PINH
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
6
5
43
210
(0xDD)
–
PORTJ6
PORTJ5
PORTJ4
PORTJ3
PORTJ2
PORTJ1
PORTJ0
PORTJ
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
(0xDC)
–
DDJ6
DDJ5
DDJ4
DDJ3
DDJ2
DDJ1
DDJ0
DDRJ
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7
6
543210
(0xDB)
–
PINJ6
PINJ5
PINJ4
PINJ3
PINJ2
PINJ1
PINJ0
PINJ
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com