Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 36Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 37Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 38Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 39Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 40Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 41Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 42Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 43Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 360 page
background image
40
8021A–AVR–12/06
ATmega329P/3290P
USI start condition detection, and the Watchdog continue operating (if enabled). Only an Exter-
nal Reset, a Watchdog Reset, a Brown-out Reset, USI start condition interrupt, an external level
interrupt on INT0, or a pin change interrupt can wake up the MCU. This sleep mode basically
halts all generated clocks, allowing operation of asynchronous modules only.
Note that if a level triggered interrupt is used for wake-up from Power-down mode, the changed
level must be held for some time to wake up the MCU. Refer to ”External Interrupts” on page 59
for details.
When waking up from Power-down mode, there is a delay from the wake-up condition occurs
until the wake-up becomes effective. This allows the clock to restart and become stable after
having been stopped. The wake-up period is defined by the same CKSEL Fuses that define the
Reset Time-out period, as described in ”Clock Sources” on page 29.
8.6
Power-save Mode
When the SM2..0 bits are written to 011, the SLEEP instruction makes the MCU enter Power-
save mode. This mode is identical to Power-down, with one exception:
If Timer/Counter2 and/or the LCD controller are enabled, they will keep running during sleep.
The device can wake up from either Timer Overflow or Output Compare event from
Timer/Counter2 if the corresponding Timer/Counter2 interrupt enable bits are set in TIMSK2,
and the Global Interrupt Enable bit in SREG is set. It can also wake up from an LCD controller
interrupt.
If neither Timer/Counter2 nor the LCD controller is running, Power-down mode is recommended
instead of Power-save mode.
The LCD controller and Timer/Counter2 can be clocked both synchronously and asynchronously
in Power-save mode. The clock source for the two modules can be selected independent of
each other. If neither the LCD controller nor the Timer/Counter2 is using the asynchronous
clock, the Timer/Counter Oscillator is stopped during sleep. If neither the LCD controller nor the
Timer/Counter2 is using the synchronous clock, the clock source is stopped during sleep. Note
that even if the synchronous clock is running in Power-save, this clock is only available for the
LCD controller and Timer/Counter2.
8.7
Standby Mode
When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected, the
SLEEP instruction makes the MCU enter Standby mode. This mode is identical to Power-down
with the exception that the Oscillator is kept running. From Standby mode, the device wakes up
in six clock cycles.
8.8
Power Reduction Register
The Power Reduction Register (PRR), see ”PRR – Power Reduction Register” on page 44, pro-
vides a method to stop the clock to individual peripherals to reduce power consumption. The
current state of the peripheral is frozen and the I/O registers inaccessible. Resources used by
the peripheral when stopping the clock will remain occupied so the peripheral should be disabled
before stopping the clock. Waking up a module, which is done by clearing the bit in PRR, puts
the module in the same state as before shutdown.
Module shutdown can be used in IDLE mode and active mode to reduce the overall power con-
sumption. In all other sleep modes, the clock is already stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com