Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 74Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 75Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 76Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 77Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 78Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 79Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 80Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 81Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 360 page
background image
78
8021A–AVR–12/06
ATmega329P/3290P
Table 12-13 and Table 12-14 relates the alternate functions of Port D to the overriding signals
shown in Figure 12-5 on page 70.
Table 12-13. Overriding Signals for Alternate Functions PD7:PD4
Signal Name
PD7/SEG(19/15)
PD6/SEG(20/16)
PD5/SEG(21/17)
PD4/SEG(22/18)
PUOE
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
PUOV
0000
DDOE
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
DIEOV
0000
DI
––––
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG
Table 12-14. Overriding Signals for Alternate Functions in PD3:PD0
Signal Name
PD3/SEG(23/19)
PD2/SEG(24/20)
PD1/INT0/
SEG(25/21)
PD0/ICP1/
SEG(26/22)
PUOE
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
PUOV
00
00
DDOE
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN • (LCDPM)
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
PTOE
––
––
DIEOE
LCDEN • (LCDPM)
LCDEN • (LCDPM)
LCDEN +
(INT0 ENABLE)
LCDEN • (LCDPM)
DIEOV
0
0
LCDEN •
(INT0 ENABLE)
0
DI
–
–
INT0 INPUT
ICP1 INPUT
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com