Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 30Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 31Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 32Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 33Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 34Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 35Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 36Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 37Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 360 page
background image
34
8021A–AVR–12/06
ATmega329P/3290P
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 7-12 on page 34.
When applying an external clock, it is required to avoid sudden changes in the applied clock fre-
quency to ensure stable operation of the MCU. A variation in frequency of more than 2% from
one clock cycle to the next can lead to unpredictable behavior. It is required to ensure that the
MCU is kept in Reset during such changes in the clock frequency.
Note that the System Clock Prescaler can be used to implement run-time changes of the internal
clock frequency while still ensuring stable operation. Refer to ”System Clock Prescaler” on page
35 for details.
7.8
Clock Output Buffer
When the CKOUT Fuse is programmed, the system Clock will be output on CLKO. This mode is
suitable when the chip clock is used to drive other circuits on the system. The clock will be out-
put also during reset and the normal operation of I/O pin will be overridden when the fuse is
programmed. Any clock source, including internal RC Oscillator, can be selected when CLKO
serves as clock output. If the System Clock Prescaler is used, it is the divided system clock that
is output when the CKOUT Fuse is programmed.
7.9
Timer/Counter Oscillator
ATmega329P/3290P uses the same crystal oscillator for Low-frequency Oscillator and
Timer/Counter Oscillator. See ”Low-frequency Crystal Oscillator” on page 31 for details on the
oscillator and crystal requirements.
ATmega329P/3290P share the Timer/Counter Oscillator Pins (TOSC1 and TOSC2) with XTAL1
and XTAL2. When using the Timer/Counter Oscillator, the system clock needs to be four times
the oscillator frequency. Due to this and the pin sharing, the Timer/Counter Oscillator can only
be used when the Calibrated Internal RC Oscillator is selected as system clock source.
Applying an external clock source to TOSC1 can be done if EXTCLK in the ASSR Register is
written to logic one. See ”Asynchronous Operation of Timer/Counter2” on page 151 for further
description on selecting external clock as input instead of a 32.768 kHz watch crystal.
Table 7-11.
Crystal Oscillator Clock Frequency
CKSEL3..0
Frequency Range
0000
0 - 16 MHz
Table 7-12.
Start-up Times for the External Clock Selection
SUT1..0
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (VCC = 5.0V)
Recommended Usage
00
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4.1 ms
Fast rising power
10
6 CK
14CK + 65 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com