Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA3290P Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 88Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 89Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 90Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 91Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 92Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 93Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 94Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 95Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 360 page
background image
92
8021A–AVR–12/06
ATmega329P/3290P
12.4.16
PINE – Port E Input Pins Address
12.4.17
PORTF – Port F Data Register
12.4.18
DDRF – Port F Data Direction Register
12.4.19
PINF – Port F Input Pins Address
12.4.20
PORTG – Port G Data Register
12.4.21
DDRG – Port G Data Direction Register
12.4.22
PING – Port G Input Pins Address
12.4.23
PORTH – Port H Data Register(1)
Bit
765
432
10
0x0C (0x2C)
PINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
PINE
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
6
543210
0x11 (0x31)
PORTF7
PORTF6
PORTF5
PORTF4
PORTF3
PORTF2
PORTF1
PORTF0
PORTF
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
Bit
7
6
543210
0x10 (0x30)
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
DDRF
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
Bit
7
6
543210
0x0F (0x2F)
PINF7
PINF6
PINF5
PINF4
PINF3
PINF2
PINF1
PINF0
PINF
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
6
5
43
210
0x14 (0x34)
––
–
PORTG4
PORTG3
PORTG2
PORTG1
PORTG0
PORTG
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543210
0x13 (0x33)
–
–
–
DDG4
DDG3
DDG2
DDG1
DDG0
DDRG
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
Bit
7
6
543210
0x12 (0x32)
–
–
PING5
PING4
PING3
PING2
PING1
PING0
PING
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
N/A
N/A
N/A
N/A
N/A
Bit
7
6
5
43
210
(0xDA)
PORTH7
PORTH6
PORTH5
PORTH4
PORTH3
PORTH2
PORTH1
PORTH0
PORTH
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com