Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 32Page - Richtek Technology Corporation RT3607BC Datasheet HTML 33Page - Richtek Technology Corporation RT3607BC Datasheet HTML 34Page - Richtek Technology Corporation RT3607BC Datasheet HTML 35Page - Richtek Technology Corporation RT3607BC Datasheet HTML 36Page - Richtek Technology Corporation RT3607BC Datasheet HTML 37Page - Richtek Technology Corporation RT3607BC Datasheet HTML 38Page - Richtek Technology Corporation RT3607BC Datasheet HTML 39Page - Richtek Technology Corporation RT3607BC Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
36
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 22. DVID Compensation
VIN
Gate
Driver
Q1
Q2
L
RESR
CO2
CPU
C2
Charge current
Induced charge
current signal
CO1
Ai
R1
R2
C1
+
-
EA
+
-
COMP
CCRCOT
tON
VID Transition
IDROOP
VID
Output voltage
VIN
VID
Virtual Charge Current
Slew Rate
Control
Virtual Charge
Current
Generator
+
DVID Event
SET1
IDROOP has a great cancellation by
adding a suitable virtual charge
current
Table 6 shows the DVID_Threshold on the SET1 pin with
internal 80
μA current source and Table 3 describes
DVID_Width settings in SET3 pin with external voltage
divider. For example, 39.67mV DVID_Threshold (Enable
Zero LL) and 36
μs DVID_Width are designed (Enable
PSYS, QR_width = 88%). According to Table 6 and Table
3, the DVID_Threshold set voltage should be 1.05V and
the DVID_Width set voltage should be 1.475V. Please note
that a high accuracy resistor is needed for this setting, <
1% error tolerance is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com