Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 34Page - Richtek Technology Corporation RT3607BC Datasheet HTML 35Page - Richtek Technology Corporation RT3607BC Datasheet HTML 36Page - Richtek Technology Corporation RT3607BC Datasheet HTML 37Page - Richtek Technology Corporation RT3607BC Datasheet HTML 38Page - Richtek Technology Corporation RT3607BC Datasheet HTML 39Page - Richtek Technology Corporation RT3607BC Datasheet HTML 40Page - Richtek Technology Corporation RT3607BC Datasheet HTML 41Page - Richtek Technology Corporation RT3607BC Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 7. SET2 Pin Setting for OCP and RAMP Setting
Vdivider_SET2
(mV)
OCP_M =
%ICCMAX
Ramp Setting_M, if Ramp
Offset_M = 0kHz
Ramp Setting_M, if Ramp
Offset_M = 50kHz
25
110%
300kHz
350kHz
75
400kHz
450kHz
125
500kHz
550kHz
175
600kHz
650kHz
225
110%
300kHz
350kHz
275
400kHz
450kHz
325
500kHz
550kHz
375
600kHz
650kHz
425
120%
300kHz
350kHz
475
400kHz
450kHz
525
500kHz
550kHz
575
600kHz
650kHz
625
130%
300kHz
350kHz
675
400kHz
450kHz
725
500kHz
550kHz
775
600kHz
650kHz
825
140%
300kHz
350kHz
875
400kHz
450kHz
925
500kHz
550kHz
975
600kHz
650kHz
1025
150%
300kHz
350kHz
1075
400kHz
450kHz
1125
500kHz
550kHz
1175
600kHz
650kHz
1225
160%
300kHz
350kHz
1275
400kHz
450kHz
1325
500kHz
550kHz
1375
600kHz
650kHz
1425
160%
300kHz
350kHz
1475
400kHz
450kHz
1525
500kHz
550kHz
1575
600kHz
650kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com