Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 59 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 59 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 52Page - Richtek Technology Corporation RT3607BC Datasheet HTML 53Page - Richtek Technology Corporation RT3607BC Datasheet HTML 54Page - Richtek Technology Corporation RT3607BC Datasheet HTML 55Page - Richtek Technology Corporation RT3607BC Datasheet HTML 56Page - Richtek Technology Corporation RT3607BC Datasheet HTML 57Page - Richtek Technology Corporation RT3607BC Datasheet HTML 58Page - Richtek Technology Corporation RT3607BC Datasheet HTML 59Page - Richtek Technology Corporation RT3607BC Datasheet HTML 60Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
59
RT3607BC
DS3607BC-01 June 2018
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
W-Type 60L QFN 7x7 Package
Min.
Max.
Min.
Max.
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.250
0.006
0.010
D
6.900
7.100
0.272
0.280
D2
5.650
5.750
0.222
0.226
E
6.900
7.100
0.272
0.280
E2
5.650
5.750
0.222
0.226
e
L
0.350
0.450
0.014
0.018
H
0.250
0.350
0.010
0.014
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.400
0.016
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com