Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 18Page - Richtek Technology Corporation RT3607BC Datasheet HTML 19Page - Richtek Technology Corporation RT3607BC Datasheet HTML 20Page - Richtek Technology Corporation RT3607BC Datasheet HTML 21Page - Richtek Technology Corporation RT3607BC Datasheet HTML 22Page - Richtek Technology Corporation RT3607BC Datasheet HTML 23Page - Richtek Technology Corporation RT3607BC Datasheet HTML 24Page - Richtek Technology Corporation RT3607BC Datasheet HTML 25Page - Richtek Technology Corporation RT3607BC Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Phase Interleaving Function
The RT3607BC is a multiphase controller, which has a
phase interleaving function, 90 degree phase shift for 4-
phase operation, 120 degree phase shift for 3-phase
operation and 180 degree phase shift for 2-phase operation
which can help reduce output voltage ripple and EMI
problem.
Multi-Function Pin Setting Mechanism
For reducing total pin number of package, SET [1:3] and
SETA[1:2] pins adopt the multi-function pin setting
mechanism in the RT3607BC. SET [1:3] and SETA[1:2]
are used to set CORE VR andAXGVR, respectively. Figure
4 illustrates this operating mechanism. The voltage at
VREF pin is pulled up to 3.2V during pin setting mode
after power ready (POR). External voltage divider is used
to set the Function1. Then an internal current source
80
μA sources the R network to set the Function2. The
setting voltage of Function1 and Function2 can be
represented as
Function1
Function2
R2
V3.2V
R1 R2
R1 R2
V80 Α
R1 R2


In addition, Richtek provides a Microsoft Excel-based
spreadsheet to help design the SETx and SETAx resistor
network for the RT3607BC.
Figure 4. Multi-Function Pin Setting Mechanism
Connecting a R3 resistor from SETx pin or SETAx pin to
the middle node of voltage divider can help to fine tune the
set voltage of Function2, which does not affect the set
voltage of Function1. The Figure 5 shows the setting
method and the set voltage of Function 1 and Function2
can be represented as :
Function1
Function2
R2
V3.2V
R1 R2
R1 R2
V80 Α
R3
R1 R2





Function2
Function1
3.2V V
R1
80
V

Function1
Function1
R1 V
R2
3.2V V
By the way, SET1 and SET2 are used to set CORE rail
setting and SETA1 and SETA2 are used to set AXG rail
setting. The setting of SET3 is suitable for both CORE
rail and AXG rail. Table 2 summarizes the overall pin setting
function. Table 3 and Table 4 show the SET3 pin setting
function table.
VFunction1/VFunction2 is coded by ADC and stored in the
registers to set specified functions. For example,
Function1 of SET1 can set ICCMAX; Function2 of SET1
can set DVID Compensation magnitude. All function setting
will be done within 1900
μs after power ready (POR), and
the voltage at VREF pin is fixed to be 0.6V after all function
settings are over.
If VFunction1 and VFunction2 are determined by application or
performance requirement, R1 and R2 can be calculated
as follows :
VREF
R1
R2
SETX
80µA
Function 1
Register
Function 2
Register
(SETAX)
VREF
R1
R2
SETX
80µA
Function 1
Register
Function 2
Register
(SETAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com