Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 4Page - Richtek Technology Corporation RT3607BC Datasheet HTML 5Page - Richtek Technology Corporation RT3607BC Datasheet HTML 6Page - Richtek Technology Corporation RT3607BC Datasheet HTML 7Page - Richtek Technology Corporation RT3607BC Datasheet HTML 8Page - Richtek Technology Corporation RT3607BC Datasheet HTML 9Page - Richtek Technology Corporation RT3607BC Datasheet HTML 10Page - Richtek Technology Corporation RT3607BC Datasheet HTML 11Page - Richtek Technology Corporation RT3607BC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
HEX
Voltage (V)
0
0
1
0
0
1
0
1
25
0.43
0
0
1
0
0
1
1
0
26
0.435
0
0
1
0
0
1
1
1
27
0.44
0
0
1
0
1
0
0
0
28
0.445
0
0
1
0
1
0
0
1
29
0.45
0
0
1
0
1
0
1
0
2A
0.455
0
0
1
0
1
0
1
1
2B
0.46
0
0
1
0
1
1
0
0
2C
0.465
0
0
1
0
1
1
0
1
2D
0.47
0
0
1
0
1
1
1
0
2E
0.475
0
0
1
0
1
1
1
1
2F
0.48
0
0
1
1
0
0
0
0
30
0.485
0
0
1
1
0
0
0
1
31
0.49
0
0
1
1
0
0
1
0
32
0.495
0
0
1
1
0
0
1
1
33
0.5
0
0
1
1
0
1
0
0
34
0.505
0
0
1
1
0
1
0
1
35
0.51
0
0
1
1
0
1
1
0
36
0.515
0
0
1
1
0
1
1
1
37
0.52
0
0
1
1
1
0
0
0
38
0.525
0
0
1
1
1
0
0
1
39
0.53
0
0
1
1
1
0
1
0
3A
0.535
0
0
1
1
1
0
1
1
3B
0.54
0
0
1
1
1
1
0
0
3C
0.545
0
0
1
1
1
1
0
1
3D
0.55
0
0
1
1
1
1
1
0
3E
0.555
0
0
1
1
1
1
1
1
3F
0.56
0
1
0
0
0
0
0
0
40
0.565
0
1
0
0
0
0
0
1
41
0.57
0
1
0
0
0
0
1
0
42
0.575
0
1
0
0
0
0
1
1
43
0.58
0
1
0
0
0
1
0
0
44
0.585
0
1
0
0
0
1
0
1
45
0.59
0
1
0
0
0
1
1
0
46
0.595
0
1
0
0
0
1
1
1
47
0.6
0
1
0
0
1
0
0
0
48
0.605
0
1
0
0
1
0
0
1
49
0.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com