Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 14Page - Richtek Technology Corporation RT3607BC Datasheet HTML 15Page - Richtek Technology Corporation RT3607BC Datasheet HTML 16Page - Richtek Technology Corporation RT3607BC Datasheet HTML 17Page - Richtek Technology Corporation RT3607BC Datasheet HTML 18Page - Richtek Technology Corporation RT3607BC Datasheet HTML 19Page - Richtek Technology Corporation RT3607BC Datasheet HTML 20Page - Richtek Technology Corporation RT3607BC Datasheet HTML 21Page - Richtek Technology Corporation RT3607BC Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
θJC is measured at the
exposed pad of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
(1) DVD Input High Voltage: DVD pin is an input pin of VR. VR always identify high level while the voltage given at DVD
pin >= 2V. The high-low transition is within 1.3V ~2V.
(2) DVD Input low Voltage: DVD pin is an input pin of VR. VR always identify low level while the voltage given at DVD
pin <= 1.3V. The high-low transition is within 1.3V ~2V.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output
UGATEx Drive Source
RUGATEsr
VBOOT  VPHASE = 12V, ISource =
100mA
--
1.7
--
UGATEx Drive Sink
RUGATEsk
VBOOT  VPHASE = 12V, ISink =
100mA
--
1.4
--
LGATEx Drive Source
RLGATEsr
ISource = 100mA
--
1.6
--
LGATEx Drive Sink
RLGATEsk
ISink = 100mA
--
1.1
--
PWM Driving Capability
PWM Source Resistance
RPWM_SRC
--
30
--
PWM Sink Resistance
RPWM_SNK
--
10
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com