Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 40 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 40 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 36Page - Richtek Technology Corporation RT3607BC Datasheet HTML 37Page - Richtek Technology Corporation RT3607BC Datasheet HTML 38Page - Richtek Technology Corporation RT3607BC Datasheet HTML 39Page - Richtek Technology Corporation RT3607BC Datasheet HTML 40Page - Richtek Technology Corporation RT3607BC Datasheet HTML 41Page - Richtek Technology Corporation RT3607BC Datasheet HTML 42Page - Richtek Technology Corporation RT3607BC Datasheet HTML 43Page - Richtek Technology Corporation RT3607BC Datasheet HTML 44Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 8. SET2 Pin Setting for QR Threshold and Ramp Offset Setting
VIxR_SET2 (mV)
QR Threshold_M
Ramp Offset Setting_M
PS0
PS1
50
15mV
10mV
+0 kHz
150
+50 kHz
250
15mV
15mV
+0 kHz
350
+50 KHz
450
20mV
10mV
+0 KHz
550
+50 KHz
650
20mV
15mV
+0 kHz
750
+50 KHz
850
25mV
10mV
+0 KHz
950
+50 KHz
1050
25mV
15mV
+0 KHz
1150
+50 KHz
1250
30mV
10mV
+0 KHz
1350
+50 KHz
1450
30mV
15mV
+0 KHz
1550
+50 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com