Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT3607BC Datasheet HTML 1Page - Richtek Technology Corporation RT3607BC Datasheet HTML 2Page - Richtek Technology Corporation RT3607BC Datasheet HTML 3Page - Richtek Technology Corporation RT3607BC Datasheet HTML 4Page - Richtek Technology Corporation RT3607BC Datasheet HTML 5Page - Richtek Technology Corporation RT3607BC Datasheet HTML 6Page - Richtek Technology Corporation RT3607BC Datasheet HTML 7Page - Richtek Technology Corporation RT3607BC Datasheet HTML 8Page - Richtek Technology Corporation RT3607BC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No
Pin Name
Pin Function
45
0LL_EN
Zero load-line function setting. Connect this pin to 5V can enable zero load-line
function. Connect this pin to GND can disable zero load-line function.
46
PWMA2
PWM output for AXG rail VR channel 2.
47
PWMA1
PWM output for AXG rail VR channel 1.
48
PWM4
PWM output for CORE rail VR channel 4.
53
PVCC
Driver power supply input. Connect this pin to GND by a minimum 2.2
F ceramic
Capacitor.
54, 52 ,58
LGATE[1:3]
Low-side driver output for CORE rail VR. This pin drives the gate of low-side
MOSFET.
55, 51, 59
PHASE[1:3]
Switch node of high-side driver for CORE rail VR. Connect the pin to high-side
MOSFET source together with the low-side MOSFET drain and inductor.
56, 50, 60
UGATE[1:3]
High-side drive outputs for CORE rail VR. Connect the pin to the gate of high-side
MOSFET.
57, 49, 1
BOOT[1:3]
Bootstrap supply for high-side gate MOSFET driver for CORE rail VR.
61
(Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com