Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT3607BC Datasheet HTML 1Page - Richtek Technology Corporation RT3607BC Datasheet HTML 2Page - Richtek Technology Corporation RT3607BC Datasheet HTML 3Page - Richtek Technology Corporation RT3607BC Datasheet HTML 4Page - Richtek Technology Corporation RT3607BC Datasheet HTML 5Page - Richtek Technology Corporation RT3607BC Datasheet HTML 6Page - Richtek Technology Corporation RT3607BC Datasheet HTML 7Page - Richtek Technology Corporation RT3607BC Datasheet HTML 8Page - Richtek Technology Corporation RT3607BC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
RT3607BC
®
DS3607BC-01 June 2018
www.richtek.com
1
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
Dual Channel PWM Controller with Integrated Driver for IMVP8
CPU CORE Power Supply
General Description
The RT3607BC is an IMVP8 compliant CPU power
controller which includes two voltage rails : a 4/3/2 phase
synchronous Buck controller, the CORE VR and a 2 phase
synchronous Buck controller, the AXGVR. The RT3607BC
adopts G-NAVPTM (Green Native AVP) which is Richtek's
proprietary topology derived from finite DC gain of EA
amplifier with current mode control, making it easy to set
the droop to meet all Intel CPU requirements of AVP
(Adaptive Voltage Positioning). Based on the G-NAVPTM
topology, the RT3607BC also features a quick response
mechanism for optimized AVP performance during load
transient. The RT3607BC supports mode transition
function with various operating states. A serial VID (SVID)
interface is built in the RT3607BC to communicate with
Intel IMVP8 compliant CPU. The RT3607BC supports VID
on-the-fly function with three different slew rates : Fast,
Slow and Decay. By utilizing the G-NAVPTM topology, the
operating frequency of the RT3607BC varies with VID, load
and input voltage to further enhance the efficiency even in
CCM. Moreover, the G-NAVPTM with CCRCOT (Constant
Current Ripple COT) technology provides superior output
voltage ripple over the entire input/output range. The built-
in high accuracy DAC converts the SVID code ranging
from 0.25V to 1.52V with 5mV per step. The RT3607BC
integrates a high accuracy ADC for platform setting
functions, such as quick response trigger level or over-
current level. Besides, the setting function also supports
this two rails address exchange. The RT3607BC provides
VR ready output signals. It also features complete fault
protection functions including over-voltage (OV), negative
voltage (NV), over-current (OC) and under-voltage lockout
(UVLO). The RT3607BC is available in the WQFN-60L
7x7 small foot print package.
Features
Intel IMVP8 Serial VID Interface Compatible Power
Management States
4/3/2 Phase (CORE VR) + 2 Phase (AXG VR) PWM
Controller
3 Embedded MOSFET Drivers at the CORE VR
G-NAVP
TM
(Green Native Adaptive Voltage
Positioning) Topology
0.5% DAC Accuracy
Differential Remote Voltage Sensing
Built-in ADC for Platform Programming
Accurate Current Balance
System Thermal Compensated AVP
Diode Emulation Mode at Light Load Condition for
Single Phase Operation
Fast Transient Response
VR Ready Indicator
Thermal Throttling
Current Monitor Output
OVP, OCP, NVP, UVLO
Slew Rate Setting/Address Flip Function
Rail Address Flexibility
DVID Enhancement
Applications
IMVP8 Intel CORE Supply
Desktop Computer/ Servers Multi-phase CPU CORE
Supply
AVP Step-Down Converter
RT3607BC
VAXG
PWMA1
PWMA2
Driver
Driver
MOSFET
MOSFET
VCORE
PHASE1
MOSFET
VCLK
VDIO
VR_HOT
ALERT
To CPU
PHASE3
MOSFET
PGOOD
To PCH
PHASE2
MOSFET
MOSFET
PWM4
Driver


Similar Part No. - RT3607BC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CEGQW RICHTEK-RT3607CEGQW Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CEZQW RICHTEK-RT3607CEZQW Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
RT3607CJGQW RICHTEK-RT3607CJGQW Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results

Similar Description - RT3607BC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3602AE RICHTEK-RT3602AE Datasheet
836Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
August 2017
RT3624LE RICHTEK-RT3624LE Datasheet
1Mb / 48P
Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
April 2022
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com