Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 46 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 46 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 42Page - Richtek Technology Corporation RT3607BC Datasheet HTML 43Page - Richtek Technology Corporation RT3607BC Datasheet HTML 44Page - Richtek Technology Corporation RT3607BC Datasheet HTML 45Page - Richtek Technology Corporation RT3607BC Datasheet HTML 46Page - Richtek Technology Corporation RT3607BC Datasheet HTML 47Page - Richtek Technology Corporation RT3607BC Datasheet HTML 48Page - Richtek Technology Corporation RT3607BC Datasheet HTML 49Page - Richtek Technology Corporation RT3607BC Datasheet HTML 50Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
46
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Switching Frequency Setting
As mentioned in switching frequency setting section of
CORE VR, connect a resistor RTONA between input terminal
and TONSETA pin to set the on-time width.
TONA
ONA
DAC
IN
DAC
TONA
DAC
ONA
DAC
IN
DAC
R4.793p 1.2
T(V
1.2)
VV
R4.793p V
T(V
1.2)
VV




For better efficiency in the given load range, the maximum
switching frequency is suggested to be :

SWA(MAX)
ON_LS,max
LL
LS
ON_LS,max
ON_HS,max
ON_LS,max
IN(MAX)
ONA
D
ONA,VAR
D
LS
HS
LS
F
R
IccTDC
VID1
DCR
N R
Nn
RR
R
IccTDC
IccTDC
VT
T
T
T
Nn
n
N
n


 











where FSW(MAX)is the maximum switching frequency, VID1
is the typical VID of application, VIN (MAX) is the maximum
application input voltage, IccTDC is the thermal design
current of application, N is the phase number. The
RON_HS,max is the maximum equivalent high-side RDS(ON),
and nHS is the number of high-side MOSFETs; RON_LS,max
is the maximum equivalent low-side RDS(ON), and nLS is
the number of low-side MOSFETs. TD is the summation
of the high-side MOSFET delay time and the rising time,
TON,VAR is the TON variation value. DCR is the inductor
DCR, and RLL is the loadline setting. In addition, Richtek
provides a Microsoft Excel-based spreadsheet to help
design the RTON for the RT3607BC.
When load increases, on-time keeps constant. The off-
time width is reduced so that loading can load more power
from input terminal to regulate output voltage. Hence the
loading current usually increases in case the switching
frequency also increases. Higher switching frequency
operation can reduce power components' size and PCB
space, trading off the whole efficiency since switching
related loss increases, vice versa.
Per Phase Current Sense
In the RT3607BC, the current signal is used for load-line
setting and Over-Current Protection (OCP). The inductor
current sense method adopts the lossless current sensing
for allowing high efficiency as illustrated in the Figure 29.
When inductance and DCR time constant is equal to
RAXCAX filter network time constant, a voltage ILAx x DCR
drops on CAX to generate inductor current signal.According
to the Figure 29, the ISENAxN is as follows :
LAX
CSAx
IDCR
ISENAxN
R
Where LAX / DCR = RAXCAX is held. The method can get
high efficiency performance, but DCR value will be drifted
by temperature, so an NTC resistor should be added in
the resistor network at the IMONA pin to achieve DCR
thermal compensation.
In the RT3607BC design, the resistance of RCSAx is
restricted to be 680
Ω; moreover, the error of RCSAx is
recommended to be 1% or smaller. RX is highly
recommended as two 0603 size resistors in series to
alleviate the IOUT reporting inaccuracy issue at no load
due to the VCR (voltage coefficient of resistance) effect.
Figure 29. Lossless Current Sense Method
Total Current Sense
As presented in total current sense section of AXG VR,
Figure 30 shows the total current sense method which
connects the resistor network between IMONA and VREF
pins to set a part of current loop gain for load-line (droop)
setting and set accurate over current protection.
IMONA
REF
EQA
LA1
LA2
CS
DCR
VV
R
(I
I
)
R

REQA includes anNTC resistor to compensateDCR thermal
drifting for high accuracy load-line (droop).
ISENAxP
ISENAxN
LAX
DCR
RAX
CAX
VAXG
+
-
RCSAx
ILAx
ISENAxN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com