Electronic Components Datasheet Search
  English  ▼

X  

RT3607BC Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT3607BC Datasheet HTML 16Page - Richtek Technology Corporation RT3607BC Datasheet HTML 17Page - Richtek Technology Corporation RT3607BC Datasheet HTML 18Page - Richtek Technology Corporation RT3607BC Datasheet HTML 19Page - Richtek Technology Corporation RT3607BC Datasheet HTML 20Page - Richtek Technology Corporation RT3607BC Datasheet HTML 21Page - Richtek Technology Corporation RT3607BC Datasheet HTML 22Page - Richtek Technology Corporation RT3607BC Datasheet HTML 23Page - Richtek Technology Corporation RT3607BC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications Information
The RT3607BC includes two voltage rails : a 4/3/2
multiphase synchronous buck controller, the CORE VR,
and a 2 multiphase synchronous buck controller, the AXG
VR, designed to meet Intel IMVP8 compatible CPUs
specification with a serial SVID control interface. The
controller uses an ADC to implement all the kinds of
settings to save total pin number for easy use and
increasing PCB space utilization. The RT3607BC is used
in desktop computers and servers.
General Loop Function
G-NAVPTM Control Mode
The RT3607BC adopts the G-NAVPTM controller, which is
a current mode constant on-time control with DC offset
cancellation. The approach can not only improve DC offset
problem for increasing system accuracy but also provide
fast transient response. When current feedback signal
reaches comp signal, the RT3607BC generates an on-
time width to achieve PWM modulation. Figure 1 shows
the basic G-NAVPTM behavior waveforms in continuous
conduction mode (CCM).
PWM1
PWM2
PWM3
PWM4
Current feedback signal
Comp signal
Figure 1 (a). G-NAVPTM CCM behavior waveforms in
CCM in Steady State
PWM1
PWM2
PWM3
PWM4
Current feedback signal
Comp signal
Figure 1 (b). G-NAVPTM CCM behavior waveforms in
CCM in Load Transient
Diode Emulation Mode (DEM)
As well-known, the dominant power loss is switching
related loss during light load, hence VR needs to be
operated in asynchronous mode (or called discontinuous
conduction mode, DCM) to reduce switching related loss
since switching frequency is dependent on loading in the
asynchronous mode. The RT3607BC can operate in diode
emulation mode (DEM) to improve light load efficiency. In
DEM operation, the behavior of the low side MOSFET(s)
needs to work like a diode, that is, the low side MOSFET(s)
is turned on when the phase voltage is a negative value,
i.e. the inductor current follows from Source to Drain of
low-side MOSFET(s). And the low-side MOSFET(s) is
turned off when phase voltage is a positive value, i.e.
reversed current is not allowed. Figure 2 shows the control
behavior in DEM. Figure 3 shows the G-NAVPTM operation
in DEM to illustrate the control behaviors. When load
decreases, the discharge time of output capacitors
increases during UGATE and LGATE are turned off. Hence,
the switching frequency and switching loss are reduced
to improve efficiency at light load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com