Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 131 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors S32K310 Datasheet HTML 129Page - NXP Semiconductors S32K310 Datasheet HTML 130Page - NXP Semiconductors S32K310 Datasheet HTML 131Page - NXP Semiconductors S32K310 Datasheet HTML 132Page - NXP Semiconductors S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 143 page
background image
Rev 5.2, Oct 2022
• Deleted I3C specifications
• Updated "Thermal characteristics"
• Added 48-pin LQFP package drawing number in "Obtaining package dimensions" section.
• Editorial updates.
Rev 4, April 2022
• Removed S32K312 from preliminary list from the title of the document and "Overview".
• In features on first page added MAPBGA289 to the package list and updated GPIO pins upto 235.
• Removed "NDA required" term from all block diagrams.
• In "Ordering information", added HDQFP-EP package suffix.
• In section "Absolute maximum ratings", and "Voltage and current operating requirements", added S32K341 variant to
the sentence "The VDD_HV_B and V15 voltage supply domains are only present....".
• In section “Voltage and current operation requirement”, the footnote attached to supply ramp rate is updated as “ The
MCU Supply ramp applicable to the MCU input/external supplies...".
• Updated capacitor symbol to non-polarity in following figures at V25 and V11:
— Power management system - S32K344, S32K324, S32K341, S32K314, S32K342, and S32K322.
— Power management system - S32K312, S32K311
• In "Power management system - S32K358" figure, updated connections to optional circuit with dashed lines for
PGATE_CTRL and VSS_DCDC.
• In section “SMPS regulator electrical specifications”, added a sentence “The chip hardware design guidelines
documents lists the recommended part numbers of PMOS & Schottky diode."
• In table "SMPS regulator electrical specifications" :
— The typ. value of "External coil inductance" changed from 5 to 4.7uH.
— Added “Schottky diode reverse voltage” with Min value 5.0 V.
— Added “Schottky diode forward current” with Min value 1.0 A.
• In section "SMPS regulator electrical specifications" changed "COUT_V15" to "COUT_V15_SMPS" to match it with
corresponding figure.
• In section "Recommended Decoupling Capacitors" changed "COUT_V15" to "COUT_V15_NPN" to match it with
corresponding figure.
• In section "Recommended Decoupling Capacitors", following footnotes updated:
— Footnote attached to CDEC "Optionally, 1 nF capacitors can be added...".
— Footnote attached to CBULK "For devices where the VDD_HV_B domain is present, if the VDD_HV_B...".
— Added footnote to CBULK "These capacitors must be placed close to the source."
• In section "Recommended Decoupling Capacitors", updated and added decoupling capacitors diagrams.
• In section "NPN Ballast Transistor Control Specification" added specification for VDD_HV_NPN.
• Updated "Ballast circuit" figure under section " NPN Ballast Transistor Control Specification".
• Current IDD specs are updated for S32K12 for following :
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
131 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com