Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 133 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 129Page - NXP Semiconductors S32K310 Datasheet HTML 130Page - NXP Semiconductors S32K310 Datasheet HTML 131Page - NXP Semiconductors S32K310 Datasheet HTML 132Page - NXP Semiconductors S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 143 page
background image
Rev 4, April 2022
• In section "LPSPI", footnote attached to "fperiph" is udated to mention clock name instead of frequency. "For LPSPI0
instance, max. peripheral...".
• In section "I3C Push-Pull Timing Parameters for SDR Mode", Symbol "tV" and tHI are deleted.
• Added section "Ethernet RGMII".
• In all QuadSPI modes updated trace length from 3 inches to 2 inches.
• Added "QuadSPI Octal 3.3V DDR 100MHz" mode.
• Deleted "QuadSPI Quad 3.3V DDR 80MHz" mode.
• In section "QuadSPI Octal 3.3V DDR 120MHz" :
— For symbol “tOD_DATA”, Max. value changed from “2.567” to “ 2.934”.
— For symbol “tOD_CS”, Min value has been changed from “3.015” to “3.016” and Max. value changed from “-1.33”
to “-0.766”.
— For symbol “tDVW”, Min value has been changed from “2.314” to “2.518”.
— For symbol “tIH_DQS”, Min value has been changed from “2.767” to “3.134”.
• uSDHC specifications are updated thoroughly.
• In "Thermal characteristics":
— Updated table header to include all variants.
— For S32K312 100-HDQFP updated RϴJA from 34.8 to 38 °C/W and RϴJT from 0.6 to 0.8 °C/W.
— For S32K3x4, 257MAPBGA updated RϴJA from 27 to 26.8 °C/W.
• Updated Legal information.
Rev 3, Oct 2021
• Datasheet classification is updated to "Technical data" for S32K344.
• In section "Supply currents" added values for 85C (typ and max) and updated 105 (max) and 125 (max) values for
S32K344.
• In front page features, added HDQFP172 with Exposed pad (EP) option and information on I3C.
• In section "Overview", added a note "S32K3x1, S32K3x2 and S32K3x8 specific information ....".
• In "Feature comparision" section added footnote to add information about HDQFP172 with Exposed pad (EP) package
for S32K3x8 devices.
• VDD_HV_SMPS is changed to VDD_DCDC throughout.
• In section "Absolute maximum ratings", footnote attached to "I_INJSUM_DC_ABS" is exteded to add information "See
application note AN4731 for...".
• Figure "Power management system - S32K344, S32K324, S32K341, S32K314, S32K342, and S32K322." is updated to
add COUT_V15 capacitor.
• Figure "Power management system - S32K358" is updated to add COUT_V15 capacitor and optional circuit explained in
the notes.
• In section "SMPS regulator electrical specifications", COUT_V15 is added to "External bypass capacitor".
• Figure "Package decoupling capacitor pinout diagram" is updated to show HDQFP172-EP package.
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
133 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com