Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 137 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 143 page
background image
Rev 2, Aug 2021
— Updated register naming representation
— Added footnote to tdrcv min as " In extreme cases (1 block configurations)...".
— Max updated to "50 system clock periods" for taistop
• Ins ection "Flash memory read timing parameters" mantioned part numbers for each table as applicable.
• >In section "SAR ADC", for Symbol "fAD_CK" added new spec and max updated to 120.
• In section "FIRC", Symbol "IFIRC" is deleted.
• In section "SIRC", Symbol "Ivdda" with condition "On state" is deleted.
• In section "PLL", clarification added in condition column for jitter specifications.
• In section "Fast External Oscillator (FXOSC)", for Symbol "FREQ_BYPASS", "TRF_BYPASS" and
"CLKIN_DUTY_BYPASS" footnote added "For bypass mode applications, the EXTAL ...".
• In section "Fast External Oscillator (FXOSC)", for Symbol "TFXOSC" footnote added "The startup time specification is
valid ...".
• In section "Fast External Oscillator (FXOSC)", Symbol "IFXOSC" specs are merged into one and description and
condition updated.
• In section "Fast External Oscillator (FXOSC)", added paragraph "Drive level is a crystal specification and ....".
• In section "LPSPI", Symbol "tSPSCK" with condition "Slave_10Mbps" is added.
• In section "LPSPI", Symbol "tSPSCK" with condition "Master_10Mbps" is added.
• Updated title to mention LPSPI0 of "LPSPI0 20 MHz and 15 MHz Combinations", and updated header "20Mbps" to
"20Mbps (In loopback mode only)".
• In "I3C" section, added two sentences.
• Updated "QuadSPI" sections.
• Editorial updates.
Rev 2 Draft B, Mar 2021
• Updated "block diagrams" and "Feature comparison"
• Updated "Ordering information" to add 289 pagkage and removed one.
• In section "Absolute maximum ratings", Symbol "VDD_HV_SMPS" is added.
• In section "Absolute maximum ratings", for Symbol "I_INJPAD_DC_ABS" and "I_INJSUM_DC_ABS" footnote updated
"When input pad voltage levels are close ...".
• In section "Voltage and current operating requirements", Symbol "IINJSUM_DC_OP" and "IINJPAD_DC_OP" condition is
updated
• In section "Voltage and current operating requirements", Symbol "VDD_HV_SMPS" is added.
• In section "Voltage and current operating requirements", for Symbol "I_INJPAD_DC_ABS" and "I_INJSUM_DC_ABS"
footnote updated "When input pad voltage levels are close ...".
• In section "Power management":
— "Power management system - S32K344, S32K324, S32K314" figure updated.
— "Power management system - S32K312, S32K311" figure updated.
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
137 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com