| Electronic Components Datasheet Search |
|
8802 Datasheet(PDF) 34 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8802 Datasheet(HTML) 34 Page - Christian Bürkert GmbH & Co. KG |
|
34 / 39 page ![]() Type 8025 34 | 39 Visit product website 10.3. Combination of the remote device Note: Connection possibilities according to the flow meter variant Universal transmitter Transmitter for “Low Power” flowmeters Remote batch controller Panel Wall- mounted Panel Wall- mounted Panel Wall- mounted Hall variant (short or long) Frequency output with pulse signal (NPN, PNP, open collector) Yes Yes No No Yes Yes Hall „Low Power“ variant (short or long) Frequency output with pulse signal (NPN, open collector) Yes Yes Yes Yes Yes Yes Type 8020 Insertion flowmeter Hall variant Frequency output with pulse signal (NPN, PNP, open collector) Yes Yes No No Yes Yes Hall „Low Power“ variant Frequency output with pulse signal (NPN, open collector) Yes Yes Yes Yes Yes Yes Type 8030 (SE30 + S030) or Type SE30+S077 Inline flowmeter Frequency output with pulse signal (NPN, PNP, open collector) Yes Yes No No Yes Yes Type 8030 HT Inline flowmeter for high temperature – Yes Yes No No Yes Yes Type SE30 Ex + (S030 or S077) Inline flowmeter for hazardous areas Frequency output with pulse signal (NPN) Yes Yes No No Yes Yes Type 8031 Flow sensor for low-flow measurement Frequency output with pulse signal (NPN) Yes Yes 1.) No No Yes Yes 1.) Type 8041 Insertion magnetic inductive flowmeter Frequency output with pulse signal (NPN) Yes Yes No No Yes Yes Type 8071 or Type 8077 Flowmeter with oval rotors 1.) Except device with Article no. 419543 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |