Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Type 8025
10 | 39
Visit product website 
Universal flow transmitter
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Product properties
Compatibility
Bürkert flowmeter with frequency output (Types 8020, 8030, 8030HT, 8041, 8031, SE30+S077, 8071,
8077) or other sensors with compatible electrical data
Performance data
4…20 mA output uncertainty
± 1 % of current range
Electrical data
Operating voltage (V+)
• Panel-mounted variant:
– 12…36 V DC, max tolerance: - 5 % or + 10 % at 12 V DC, ± 10 % at 36 V DC, filtered and regu-
lated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and
LPS (Limited Power Source) power supply
• Wall-mounted variant:
– 12…36 V DC, max tolerance: - 5 % or + 10 % at 12 V DC, ± 10 % at 36 V DC, filtered and regu-
lated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and
LPS (Limited Power Source) power supply
– 115/230 V AC, 50/60 Hz
Voltage supply available inside the device:
– supplied voltage: 27 V DC regulated
– maximum current: 250 mA
– integrated protection: 250 mA time delay fuse
Current consumption
Without sensor and without consumption of 4…20 mA output of the flowmeter
• With relays:
– ≤ 70 mA (at 12 V DC)
– ≤ 45 mA (at 36 V DC)
– ≤ 50 mA (115/230 V AC, wall-mounted variant)
• Without relay:
– ≤ 50 mA (at 12 V DC)
– ≤ 30 mA (at 36 V DC)
– ≤ 35 mA (115/230 V AC, wall-mounted variant)
Power consumption
115/230 V AC powered measuring device: 6 VA
Device input (from sensor)
• Frequency range: 0.6 Hz…2.2 kHz, can be adjusted
• Voltage: max. 36 V DC
• Type of the signal:
– pulse: open collector NPN (with 470 Ω or 2.2 kΩ resistance) or PNP, TTL, CMOS (with 39 kΩ
resistance)
– sine-wave, coil (with 39 kΩ resistance and with minimum sensitivity of 50 mV peak to peak)
Device output (to sensor)
• Voltage supply with a powered 12…36 V DC transmitter:
– 10.5…34.5 V DC [= (V+) - 1.5 V DC], 140 mA max.
– 0…23.5 V DC [= (V+) - 12.5 V DC], 80 mA max.
– 5 V DC, 30 mA max.
• Voltage supply with a powered 115/230 V AC transmitter:
– + 27 V DC, 80 mA max.
– + 14.5 V DC [= (V+) - 12.5 V DC] 80 mA max.
– 5 V DC, 30 mA max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com