Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Type 8025
9 | 39
Visit product website 
1.3. Flow transmitter or remote batch controller
General data
The following data are valid for the universal flow transmitter, for the flow transmitter for “Low Power” flowmeters as well as for the remote
batch controller.
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “4.1. Bürkert resistApp” on page 18.
Further information on the materials can be found in chapter “4.2. Material specifications” on page 18.
Non wetted parts
Front panel film
Polyester
Cover
ABS (wall-mounted variant)
Housing
• PC (panel-mounted variant)
• ABS (wall-mounted variant)
Screw
Stainless steel
Seal
NBR
Cable gland
PA (wall-mounted variant)
Cable clamp
PA (panel-mounted variant)
Display
15 × 60 mm, 8-digit LCD, alphanumeric,15 segments, 9 mm high
Dimensions
Further information can be found in chapter “5. Dimensions” on page 20.
Electrical data
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 paragraph 9.4
DC reverse polarity protection
Yes
Overvoltage protection
Yes
Voltage supply cable
• Cable with maximum operating temperature greater than 80 °C (90 °C for UL Recognized variant)
• Max. 50 m length
• Cross section of wires: 0.2…1.5 mm2
Process/Pipe connection & communication
Electrical connection
• Panel-mounted variant: terminals
• Wall-mounted variant: terminals via gland M16 × 1.5
Approvals and conformities
Directives
CE directive
Further information on the CE directive can be found in chapter “3.3. Standards” on page 17.
North America (USA/Canada)
UL Recognized for US and Canada
Environment and installation
Ambient temperature
Operation and storage:- 10…+ 60 °C (+ 14…+ 140 °F)
Relative air humidity
≤ 80 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application range
Indoor and outdoor
Protect the device against electromagnetic interference, ultraviolet rays and, when installed outdoors,
against the effects of climatic conditions.
Degree of protection 1.) according
to EN 60529
• Panel-mounted variant:
– front side: IP65 installation completed and closed cabinet
– rear side: IP20 inside the closed cabinet
• Wall-mounted variant:
– IP65 with the following conditions met:
– - device wired
– cover screwed tight
– female cable plug or glands mounted and tightened
– with blind plug on unused cable glands
1.) Not evaluated by UL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com