Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 27 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 27 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Type 8025
27 | 39
Visit product website 
Display and operating keys
No. Description
1
5
3
6
2
4
1
“Back” key:
• to change the value (0…9) of the selected digit
• to go back to the previous function
• read the batches history (only for batch controller)
2
“Next” key:
• to select the digit at the left
• to go to the next function
• read messages (only with Insertion flowmeter as battery powered indicator/totalizer and with
batch controller)
3
“Confirm” key:
• to confirm the function displayed
• to confirm the parameters set
4
• For Insertion flowmeter with standard output signal and for transmitter for “Low Power”
flowmeters
– status LED of relay 2
• For Universal transmitter and batch controller
– status LED of relay DO3 (LED ON = contact closed)
5
• For Insertion flowmeter with standard output signal and for transmitter for “Low Power”
flowmeters
– status LED of relay 1
• For Universal transmitter and batch controller
– status LED of relay DO2 (LED ON = contact closed)
6
Status of device:
• No status for Insertion flowmeter with standard output signal and for transmitter for “Low
Power” flowmeters
• For Insertion flowmeter as a battery powered indicator/totalizer
– off: the device operates correctly.
– blinking orange: a warning message is generated in the information menu.
– blinking red: a fault message is generated in the information menu.
• For Universal transmitter
– green: the device operates correctly.
– orange: a warning message is generated in the information menu.
– red: a fault message is generated in the information menu and a 22 mA current is sent on
the current output if activated.
– blinking, whatever the colour: a check for the correct behaviour of the output is running.
The standard measurement function is inactive.
• For batch controller
– green: the device operates correctly.
– orange: an alarm related to the dosing and/or a warning messages is generated in the
information menu.
– red: a fault message is generated in the information menu.
– blinking, whatever the colour:
– slow blinking: the dosing is interrupted.
– fast blinking during a dosing: a dosing related alarm is generated.
– fast blinking when no dosing is being done: the information menu has been
remote-consulted or a check for the correct behaviour of the inputs/outputs is running.
The device can be calibrated by means of the K factor of the fitting or via the teach function. User adjustments, such as engineering units,
output, filter and bargraph are carried out on site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com