Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 38 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 38 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Type 8025
38 | 39
Visit product website 
Universal transmitter
Note:
• Sensor variant: Types 8020, 8030 (SE30+S030), SE30+S077, 8041, 8071, 8077… (see chapter “10.3. Combination of the remote
device” on page 34.
• The following variants have at least 2 volume totalizers.
Operating
voltage
Output
UL approval
Electrical connection
Article no.
Panel mounted variant
12…36 V DC
1current output 4…20 mA (AO1, 3-wire) + 1 pulse output
(DO1)
–
Terminal strip
419538 
UL Recognized
564416 
1current output 4…20 mA (AO1, 3-wire) + 1 pulse output
(DO1) + 2 relay outputs (DO2 and DO3)
–
419537 
UL Recognized
564417 
Wall-mounted variant
12…36 V DC
1current output 4…20 mA (AO1, 3-wire) + 1 pulse output
(DO1)
–
3 cable glands
419541 
1current output 4…20 mA (AO1, 3-wire) + 1 pulse output
(DO1) + 2 relay outputs (DO2 and DO3)
419540 
115/230 V AC
1current output 4…20 mA (AO1, 3-wire) + 1 pulse output
(DO1)
419544 
1current output 4…20 mA (AO1, 3-wire) + 1 pulse output
(DO1) + 2 relay outputs (DO2 and DO3)
419543 
Flow transmitter for “Low Power” flowmeters
Note:
• Sensor variant: only Types 8020, 8030 and SE30+S077 in “Low Power” variant (see chapter “10.3. Combination of the remote device”
on page 34).
• The following variants have at least 2 volume totalizers.
Operating
voltage
Output
UL approval
Electrical connection
Article no.
Panel mounted variant
12…36 V DC
4…20 mA (2-wire) + pulse
–
Terminal strip
418992 
UL Recognized
552725 
4…20 mA (3-wire) + pulse + 2 relays
–
418994 
UL Recognized
552726 
Wall-mounted variant
12…36 V DC
4…20 mA (2-wire) + pulse
–
3 cable glands
418397 
4…20 mA (3-wires) + pulse + 2 relays
418396 
115/230 V AC
4…20 mA (2-wire) + pulse
418400 
4…20 mA (3-wire) + pulse + 2 relays
418399 
Remote batch controller
Note:
• Sensor variant: Types 8020, 8030 (SE30+S030), SE30+S077, 8041, 8071, 8077… (see chapter “10.3. Combination of the remote
device” on page 34.
• The following variants have at least 2 volume or mass totalizers and 2 totalizers of the number of dosing performed.
Operating
voltage
Input
Output
UL approval
Electrical connection
Article no.
Panel mounted variant
12…36 V DC
4 digital inputs
(DI1…DI4)
2 transistor outputs (DO1 and DO4) + 2
relay outputs (DO2 and DO3
–
Terminal strip
419536 
UL Recognized
564415 
Wall-mounted variant
12…36 V DC
4 digital inputs
(DI1…DI4)
2 sorties transistor (DO1 et DO4) + 2
sorties relais (DO2 et DO3)
–
5 cable glands
433740 
115/230 V AC
433741 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com