| Electronic Components Datasheet Search |
|
8802 Datasheet(PDF) 35 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8802 Datasheet(HTML) 35 Page - Christian Bürkert GmbH & Co. KG |
|
35 / 39 page ![]() Type 8025 35 | 39 Visit product website 11. Ordering information 11.1. Bürkert eShop Bürkert eShop – Easy ordering and quick delivery You want to find your desired Bürkert product or spare part quickly and order directly? Our online shop is available for you 24/7. Sign up and enjoy all the benefits. Order online now 11.2. Recommendation regarding product selection Compact flowmeter or compact batch controller A compact and complete flow measurement or batch control equipment consists of a compact flowmeter or batch controller Type 8025 and a Bürkert Insertion fitting Type S020. See data sheet Type S020 for more information. Two different components must be ordered in order to select a complete device. The following information is required: • Article no. of the desired compact flowmeter or batch controller Type 8025 (see chapter “Flowmeter” on page 37 or “Compact batch controller” on page 35) • Article no. of the selected Type S020 Insertion fitting (see data sheet Type S020 ) Universal flow transmitter This transmitter Type 8025 (wall-mounted or panel-mounted variant) has to be connected to Bürkert flowmeters or to any other compatible flowmeter of a third party provider. Two different components must be ordered in order to select a complete device. The following information is required: • Article no. of the desired Type 8025 Universal transmitter (see chapter “Universal transmitter” on page 38) • Article no. of the selected Bürkert flowmeter (see chapter “10.3. Combination of the remote device” on page 34 and also the corresponding data sheet) Flow transmitter for “Low Power” flowmeters This transmitter Type 8025 (wall-mounted or panel-mounted variant) has to be connected only to Bürkert “Low Power” flowmeters, i.e: • a Bürkert Type 8020 flowmeter “Low Power” variant associated to an Insertion fitting Type S020 or • a Type SE30 flow transmitter “Low Power” variant associated to an Inline sensor-fitting. The Inline sensor-fitting can be either Type S030 (SE30+S030 = Type 8030) or Type S077. Three different components must be ordered in order to select a complete device. The following information is required: • Article no. of the desired Type 8025 transmitter for “Low Power” flowmeters (see chapter “Flow transmitter for “Low Power” flowme- ters” on page 38) • Article no. of the selected Bürkert Type 8020 flowmeter or Type SE30 flow transmitter (pulse “Low Power” variant) (see chapter “10.3. Combination of the remote device” on page 34 and also data sheet Type 8020 or data sheet Type 8030 ) • Article no. of the selected Bürkert Insertion fitting Type S020 (DN 20…DN 400) or Bürkert Inline sensor-fitting Type S030 (DN 06…DN 65) or Inline sensor-fitting Type S077 (DN 15…DN 100) (see data sheet Type S020 , data sheet Type S030 or data sheet Type S077 ). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |